Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10166 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10166
Description  5?묪it Magnitude Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10166 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10166 Datasheet HTML 1Page - ON Semiconductor MC10166 Datasheet HTML 2Page - ON Semiconductor MC10166 Datasheet HTML 3Page - ON Semiconductor MC10166 Datasheet HTML 4Page - ON Semiconductor MC10166 Datasheet HTML 5Page - ON Semiconductor MC10166 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10166
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Pin
Under
Test
Test Limits
Unit
−30°C
+25°C
+85°C
Min
Max
Min
Typ
Max
Min
Max
Power Supply Drain Current
IE
8
117
85
106
117
mAdc
Input Current
IinH
5
350
220
220
μAdc
IinL
5
0.5
0.5
0.3
μAdc
Output Voltage
Logic 1
VOH
2
3
−1.060
−1.060
−0.890
−0.890
−0.960
−0.960
−0.810
−0.810
−0.890
−0.890
−0.700
−0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
−1.890
−1.890
−1.675
−1.675
−1.850
−1.850
−1.650
−1.650
−1.825
−1.825
−1.615
−1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
−1.080
−1.080
−0.980
−0.980
−0.910
−0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
−1.655
−1.655
−1.630
−1.630
−1.595
−1.595
Vdc
Switching Times (50Ω Load)
ns
Propagation Data to Output
Delay
t9+2+
t9−2−
t11−2+
t11+2−
t7+3+
t7−3−
2
2
2
2
3
3
1.0
1.0
1.0
1.0
1.0
1.0
8.0
8.0
8.0
8.0
8.0
8.0
1.0
1.0
1.0
1.0
1.0
1.0
6.0
6.0
6.0
6.0
6.0
6.0
7.6
7.6
7.6
7.6
7.6
7.6
1.0
1.0
1.0
1.0
1.0
1.0
8.4
8.4
8.4
8.4
8.4
8.4
Enable to Output
t15−3+
t15+3−
3
3
1.0
1.0
3.8
3.8
1.0
1.0
2.5
2.5
3.6
3.6
1.0
1.0
4.0
4.0
Rise Time
(20 to 80%)
t2+
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8
Fall Time
(20 to 80%)
t2−
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8


Numéro de pièce similaire - MC10166

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Description similaire - MC10166

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC14585B ONSEMI-MC14585B_06 Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
National Semiconductor ...
DM7160 NSC-DM7160 Datasheet
103Kb / 4P
   Magnitude Comparator
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com