Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F1HC4BUWA-2H Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce LC87F1HC4BUWA-2H
Description  8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4BUWA-2H Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button LC87F1HC4BUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 9Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 10Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 11Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 12Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 13Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LC87F1HC4B
www.onsemi.com
10
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
I/O
 4-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1-bit units.
 Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/
high speed clock counter input
P73: INT3 input (input with noise filter)/timer 0 event input/timer 0H capture input/
IR remote controller receiver input
AD converter input ports: AN8(P70), AN9(P71)
Interrupt acknowledge types
No
P70 to P73
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
PWM0
PWM1
I/O
PWM0, PWM1 output port
General-purpose input port
 Pin functions
PWM0: Audio interface master clock output
PWM1: Audio interface master clock input
No
UHD-
I/O
USB data I/O pin UHD-/general-purpose I/O port
No
UHD+
I/O
USB data I/O pin UHD+/general-purpose I/O port
No
RES
Input
Reset pin
No
XT1
Input
 32.768kHz crystal oscillator input
 Pin functions
General-purpose input port
AD converter input ports: AN10
Must be connected to VDD1 when not to be used.
No
XT2
I/O
 32.768kHz crystal oscillator output
 Pin functions
General-purpose I/O
AD converter input port: AN11
Must be set for oscillation and kept open if not to be used.
No
CF1
Input
Ceramic/crystal resonator input
No
CF2
Output
Ceramic/crystal resonator output
No


Numéro de pièce similaire - LC87F1HC4BUWA-2H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
More results

Description similaire - LC87F1HC4BUWA-2H

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com