Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL074M Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL074M
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL074M Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TL074M Datasheet HTML 2Page - Texas Instruments TL074M Datasheet HTML 3Page - Texas Instruments TL074M Datasheet HTML 4Page - Texas Instruments TL074M Datasheet HTML 5Page - Texas Instruments TL074M Datasheet HTML 6Page - Texas Instruments TL074M Datasheet HTML 7Page - Texas Instruments TL074M Datasheet HTML 8Page - Texas Instruments TL074M Datasheet HTML 9Page - Texas Instruments TL074M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
10 M
1 M
100 k
10 k
1 k
100
f − Frequency − Hz
0
±2.5
±5
±7.5
±10
±12.5
±15
See Figure 2
TA = 25°C
RL = 2 kΩ
VCC± = ±10 V
VCC± = ±5 V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC± = ±15 V
0
±2.5
±5
±7.5
±10
±12.5
±15
10 k
40 k
100 k
400 k
1 M
4 M
10 M
f − Frequency − Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC± = ±15 V
RL = 2 kΩ
See Figure 2
TA = −55°C
TA = 25°C
TA = 125°C
TA − Free-Air Temperature − °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
10
1
0.1
0.01
100
−75
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
RL = 10 kΩ
TA = 25°C
See Figure 2
±15
±12.5
±10
±7.5
±5
±2.5
0
f − Frequency − Hz
100
1 k
10 k
100 k
1 M
10 M
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC± = ±5 V
VCC± = ±10 V
VCC± = ±15 V
TL072-EP, TL074-EP
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various
devices.
Figure 3.
Figure 4.
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TL072-EP TL074-EP


Numéro de pièce similaire - TL074M

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL074M STMICROELECTRONICS-TL074M Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074M TI1-TL074M Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI1-TL074M Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
2Mb / 69P
[Old version datasheet]   TL07xx Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
4Mb / 80P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results

Description similaire - TL074M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com