Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM73308 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SM73308
Description  Low Offset, Low Noise, RRO Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM73308 Fiches technique(HTML) 4 Page - Texas Instruments

  SM73308_15 Datasheet HTML 1Page - Texas Instruments SM73308_15 Datasheet HTML 2Page - Texas Instruments SM73308_15 Datasheet HTML 3Page - Texas Instruments SM73308_15 Datasheet HTML 4Page - Texas Instruments SM73308_15 Datasheet HTML 5Page - Texas Instruments SM73308_15 Datasheet HTML 6Page - Texas Instruments SM73308_15 Datasheet HTML 7Page - Texas Instruments SM73308_15 Datasheet HTML 8Page - Texas Instruments SM73308_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SM73308
SNOSB90B – JUNE 2011 – REVISED APRIL 2013
www.ti.com
5.0V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 5.0V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
0.25
0.85
VOS
Input Offset Voltage
mV
1.0
TCVOS
Input Offset Voltage Average Drift
−0.35
µV/°C
−0.23
100
IB
Input Bias Current(4)
VCM = 1V
pA
250
IOS
Input Offset Current(4)
0.017
100
pA
600
950
IS
Supply Current
µA
960
80
90
CMRR
Common Mode Rejection Ratio
0.5
≤ VCM ≤ 3.5V
dB
79
82
90
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
76
VCM
Input Common-Mode Voltage Range For CMRR
≥ 50dB
0
4.1
V
RL = 600Ω to 2.5V,
92
100
VO = 0.2V to 4.8V
89
AV
Large Signal Voltage Gain(5)
dB
RL = 2kΩ to 2.5V,
98
100
VO = 0.2V to 4.8V
95
RL = 600Ω to 2.5V
0.15
0.112 to
4.85
VIN = ± 100mV
0.23
4.9
4.77
VO
Output Swing
V
RL = 2kΩ to 2.5V
0.06
0.035 to
4.94
VIN = ± 100mV
0.07
4.97
4.93
Sourcing, VO = 0V
35
75
VIN = 100mV
35
IO
Output Short Circuit Current(4)(6)
mA
Sinking, VO = 2.7V
35
66
VIN = −100mV
35
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Limits ensured by design.
(5)
RL is connected to mid-supply. The output voltage is set at 200mV from the rails. VO = GND + 0.2V and VO = V
+ −0.2V
(6)
Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
5.0V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 5.0V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SR
Slew Rate(4)
AV = +1, RL = 10 kΩ
1.4
V/µs
GBW
Gain-Bandwidth Product
3.5
MHz
Φm
Phase Margin
79
Deg
Gm
Gain Margin
−15
dB
Input-Referred Voltage Noise
en
f = 10kHz
6.5
nV/
√Hz
(Flatband)
en
Input-Referred Voltage Noise (l/f)
f = 100Hz
12
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
f = 1kHz, AV = +1
THD
Total Harmonic Distortion
0.007
%
RL = 600Ω, VIN = 1 VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
The number specified is the slower of positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73308


Numéro de pièce similaire - SM73308_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM73308MG TI1-SM73308MG Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
SM73308MGE TI1-SM73308MGE Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
SM73308MGX TI1-SM73308MGX Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
More results

Description similaire - SM73308_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Texas Instruments
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP-227 AD-OP-227 Datasheet
735Kb / 12P
   DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP227 AD-OP227 Datasheet
481Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com