Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F0G08AUJA-ZH Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LC87F0G08AUJA-ZH
Description  8-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0G08AUJA-ZH Fiches technique(HTML) 4 Page - ON Semiconductor

  LC87F0G08AUJA-ZH Datasheet HTML 1Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 2Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 3Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 4Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 5Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 6Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 7Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 8Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LC87F0G08A
No.A2304-4/31
Interrupts
15 sources, 10 vectors
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address is given priority.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/BT
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
HPWM2
8
0003BH
H or L
SIO1
9
00043H
H or L
ADC
10
0004BH
H or L
P0/VCPWM
Priority levels X > H > L
Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: Up to 128levels (the stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
Oscillation Circuits
Internal oscillation circuits
1) Low-speed RC oscillation circuit:
For system clock (approx.30kHz)
2) Medium-speed RC oscillation circuit: For system clock (1MHz)
3) Hi-speed RC oscillation circuit1:
For system clock (8MHz)
4) Hi-speed RC oscillation circuit2:
For High speed PWM (40MHz)
System Clock Divider Function
Can run on low consumption current.
Minimum instruction cycle selectable from 375ns, 750ns, 1.5s, 3.0s, 6.0s, 12.0s, 24.0s, 48.0s, and
96.0
s (at 8MHz main clock)
Internal Reset Circuit
Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level is 1.67V.
Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level can be selected from 7 levels
(1.91V, 2.01V, 2.31V, 2.51V, 2.81V, 3.79V and 4.28V), through option configuration.


Numéro de pièce similaire - LC87F0G08AUJA-ZH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F0G08AUJA-ZH ONSEMI-LC87F0G08AUJA-ZH Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
More results

Description similaire - LC87F0G08AUJA-ZH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com