Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F2708AUMD-AH Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LC87F2708AUMD-AH
Description  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2708AUMD-AH Fiches technique(HTML) 2 Page - ON Semiconductor

  LC87F2708AUMD-AH Datasheet HTML 1Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 2Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 3Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 4Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 5Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 6Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 7Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 8Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC87F2708A
No.A1335-2/24
■ Ports
- I/O ports
Ports whose I/O direction can be designated in 1 bit units: 11 (P10 to P16, P30 to P33)
- Reset pins:
1 (RES#)
- Power pins:
2 (VSS1, VDD1)
■ Timers
- Timer 0:16-bit timer/counter with a capture register
Mode 0:8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) × 2 channels
Mode 1:8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) + 8-bit
counter (with an 8-bit capture register)
Mode 2:16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3:16-bit counter (with a 16-bit capture register)
- Timer 1:16-bit timer/counter that can provide with PWM/toggle output
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle output) + 8-bit timer/counter with an 8-bit
prescaler (with toggle output)
Mode 1: 8-bit PWM with an 8-bit prescaler
2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle output)
(Toggle output also possible from lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle output)
(Lower-order 8 bits may be used as PWM.)
■ Serial Interface
- SIO7: 8-bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
■ High-speed 12-bit PWM
- System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
- Duty/period programmable
- Continuous PWM output/specific count PWM output (automatic stop) selectable
■ High-speed Pulse Width/Period Counter
- HCT1: High-speed pulse width/period counter 1
1) System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
2) H-level width/L-level width/period measurement modes selectable
3) Input triggering noise filter
- HCT2: High-speed pulse width/period counter 2
1) System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
2) Can measure both L-level width and period simultaneously.
3) Input triggering noise filter
4) Input trigger selectable
(from 3 signals, i.e., P11/HCT2IN, P31/HCT2IN, and analog comparator output)
■ AD converter: 12 bits
 7 channels
- 12-/8-bit AD converter resolution selectable


Numéro de pièce similaire - LC87F2708AUMD-AH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F2708AUMD-AH ONSEMI-LC87F2708AUMD-AH Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Description similaire - LC87F2708AUMD-AH

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com