Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1815T-TL-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SD1815T-TL-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1815T-TL-E Fiches technique(HTML) 3 Page - ON Semiconductor

  2SD1815T-TL-E Datasheet HTML 1Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 2Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 3Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 4Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 5Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 6Page - ON Semiconductor 2SD1815T-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1215/2SD1815
No.2539-3/7
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
2.0
1.6
1.2
0.8
0.4
12
4
35
0
0
ITR09234
2SD1815
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--1
--2
--4
--3
--5
ITR09233
2SB1215
IB=0
--2mA
--6mA
--12mA
--18mA
--20mA
--10mA
--8mA
--4mA
IB=0
2mA
4mA
6mA
8mA
10mA
14mA
16mA
18mA
20mA
12mA
--14mA
2SD1815
VCE=5V
100
--0.01
1000
5
3
2
5
10
3
2
5
5
--0.1
23
5
2
3
5
--1.0
23
5
--10
2SB1215
VCE= --5V
ITR09239
Ta=75
°C
25
°C
--25
°C
100
0.01
1000
5
10
3
2
7
5
3
2
7
7
5
5
0.1
10
23
5
2
3
5
23
5
1.0
ITR09240
Ta=75
°C
25
°C
--25
°C
1.0
0.8
0.6
0.4
0.2
10
20
40
30
50
0
0
ITR09236
2SD1815
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--30
--50
ITR09235
2SB1215
IB=0
--0.5mA
--1.5mA
--4.0mA
--3.5mA
--3.0mA
--2.5mA
--2.0mA
--1.0mA
IB=0
0.5mA
1.0mA
2.0mA
2.5mA
1.5mA
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR09237
2SB1215
VCE= --5V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR09238
2SD1815
VCE=5V


Numéro de pièce similaire - 2SD1815T-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1815T-TL-E SANYO-2SD1815T-TL-E Datasheet
523Kb / 10P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1815T-TL-E ONSEMI-2SD1815T-TL-E Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results

Description similaire - 2SD1815T-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com