Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTLS4M19G56Z-B0 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTLS4M19G56Z-B0
Description  cost-effective and reliable availability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS4M19G56Z-B0 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTLS4M19G56Z-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLS4M19G56Z-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS4M19G56Z-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTLS4M19G56Z-B0
Specifications
Shape
Lead
Frequency
4.194MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
40
to
125
Frequency Shift by Temperature
-0.6/+0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
30Ω
Built-in Load Capacitance
47pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/02


Numéro de pièce similaire - CSTLS4M19G56Z-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56Z-A0 MURATA-CSTLS4M19G56Z-A0 Datasheet
187Kb / 3P
   cost-effective and reliable availability
More results

Description similaire - CSTLS4M19G56Z-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS4M09G56-B0 MURATA-CSTLS4M09G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS6M00G53Z-B0 MURATA-CSTLS6M00G53Z-B0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS16M0X54-B0 MURATA-CSTLS16M0X54-B0 Datasheet
191Kb / 3P
   cost-effective and reliable availability
CSTLS18M0X51-B0 MURATA-CSTLS18M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com