Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC824204-13YB-VH Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LC824204-13YB-VH
Description  4:1 Micro USB Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824204-13YB-VH Fiches technique(HTML) 4 Page - ON Semiconductor

  LC824204-13YB-VH Datasheet HTML 1Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 2Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 3Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 4Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 5Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 6Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 7Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 8Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LC824204-13YB
No.A2221-4/14
Absolute Maximum Ratings at Ta = 25
C
Parameter
Ratings
Unit
Maximum supply voltage
VDD
0.3 to 4.6
V
VBUS
0.3 to 28.0
V
Maximum
input
/output
voltage
DP/DM pin
↔ Signal pin
USB_Path
0.5 to 4.6
V
UART_Path
0.3 to 4.6
V
AUDIO_Path
1.5 to 4.6
V
AUDIO Input Range
3.0
Vpp
MIC(DP)_Path
0.5 to 4.6
V
MIC(DP) Input Range
2.0
Vpp
VBUS
↔ MIC Pin
MIC(VBUS)_Path
0.3 to 4.6
V
MIC(VBUS) Input Range
2.0
Vpp
DP/DM pin
↔ Signal pin
Stereo-MIC_Path
0.5 to 4.6
V
Stereo-MIC Input Range
2.0
Vpp
VIDEO pin
↔ ID pin
VIDEO_Path
1.5 to 4.6
V
VIDEO Input Range
3.0
Vpp
Maximum input/output
voltage
VBUSOUT (Output Only)
0.3 to 6.0
V
Others
1)
0.3 to 4.6
V
Allowable loss
2)
Pd (Ta = 25
C)
690
mW
Operating temperature
range
Topr
30 to +85
C
Storage temperature range
Tstg
55 to +125
C
*1) The Others means I2C_SCL, I2C_SDA, INTB, RESETB, CHG_DETB, and TEST pin.
*2) The values were obtained with glass epoxy board of 50 x 40 x 0.9t mm.
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Min
Max
Unit
Condition
VDD voltage
VDD
3.0
3.6
V
VBUS voltage
VBUS
4.5
5.5
V
AUDIO input range
VSW_AUDIO
1.4
1.4
V
MIC(DP) input range
VSW_MICDP
0
2.5
V
bias < 2.0 V,
1.0 Vpp
MIC(VBUS) input range
VSW_MICVBUS
0
2.5
V
bias < 2.0 V,
1.0 Vpp
Stereo-MIC input range
VSW_SMIC
0
2.5
V
bias < 2.0 V,
1.0 Vpp
VIDEO input range
VSW_VIDEO
1.4
1.4
V
1.0 Vpp
USB input range
VUSBin
0
3.6
V
Other signal input
*
Vin
0
VDD
V
Allowed capacitance of load of
accessory ID pin
IDcap
300
pF
* Other signal input signifies I2C_SCL, I2C_SDA, RESETB, TEST, TXD and RX (DP) pin.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Numéro de pièce similaire - LC824204-13YB-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC824206XA--VH ONSEMI-LC824206XA--VH Datasheet
325Kb / 15P
   5:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

Description similaire - LC824204-13YB-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA2222 ONSEMI-ENA2222 Datasheet
325Kb / 15P
   5:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSUSB74MPX FAIRCHILD-FSUSB74MPX Datasheet
491Kb / 10P
   4:1 High-Speed USB Multiplexer/Switch
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Level One
KVM-0407 LVL1-KVM-0407 Datasheet
145Kb / 2P
   4-Port USB KVM Switch
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com