Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC824204-13YB-VH Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LC824204-13YB-VH
Description  4:1 Micro USB Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824204-13YB-VH Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LC824204-13YB-VH Datasheet HTML 3Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 4Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 5Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 6Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 7Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 8Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 9Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 10Page - ON Semiconductor LC824204-13YB-VH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LC824204-13YB
No.A2221-7/14
Function Description
Charger Detection
By using charger detector circuit including built-in D+/D- short-circuit detector, you can judge the connection of DP pin
and DM pin and then detect charger according to USB Charger and Battery Charging Specification Revision 1.1 as well as
CEA936-A automotive kit specification. This IC can detect the charger of the following list.
Accessory ID Detection
Accessory is detected according to CEA936-A automotive kit and ACA standard including MCPC standard using ID
detection circuit including built-in 5-bit ADC. Accessories are judged from the resistance value of accessory (RID)
connected to ID pin. ID range of RID varies depends on each standard. See Resistance (RID) and Detectable accessory for
the further details.
Resistance (RID) and Detectable Accessory
RID
Detectable Accessory
Comments
Open
No Accessory
Open
AC Adapter (Fast Charger)
(D+/D- : Shorted)
Open(over 1M )
USB-Mode
(D+/D- : Not shorted)
750k + 47k
(759k to 835k)
Audio with MIC (Mono)
510k + 47k
(531k-583k)
Audio (Mono Earphone)
+ Charger (Std Charger) + MIC (D+ in)
(D+/D- : Not shorted)
440k
(436k-444k)
Fast Charger (Typ2 Charger)
Charger 5Wire/Type2
(D+/D- : Shorted)
Carkit (Type2)
BasicCarkit 5Wire/type2
also used for Muting (D- : High)
390k
(379k-408k)
Video-Audio
Video-Audio with VBUS
(D+/D- : Not shorted)
240k + 47k
(275k-294k)
Audio with MIC (Stereo)
Audio with VBUS (Stereo)
MIC-SW turns off
when VBUS Detection.
(D+/D- : Not shorted)
Detectable charger list
Standard Downstream Port (USB mode)
Dedicated Charging Port (D+/D- short ACC)
Apple Charger
SONY Charger
D- High Charger (Basic CarKit Type1,2 ACC)
VBUS only ACC (No Charger Detect)


Numéro de pièce similaire - LC824204-13YB-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC824206XA--VH ONSEMI-LC824206XA--VH Datasheet
325Kb / 15P
   5:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

Description similaire - LC824204-13YB-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA2222 ONSEMI-ENA2222 Datasheet
325Kb / 15P
   5:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSUSB74MPX FAIRCHILD-FSUSB74MPX Datasheet
491Kb / 10P
   4:1 High-Speed USB Multiplexer/Switch
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Level One
KVM-0407 LVL1-KVM-0407 Datasheet
145Kb / 2P
   4-Port USB KVM Switch
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com