Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F6AC8ALU-EJ-H Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce LC87F6AC8ALU-EJ-H
Description  null8-bit Withstand Voltage Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F6AC8ALU-EJ-H Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button LC87F6AC8ALU-EJ-H Datasheet HTML 7Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 8Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 9Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 10Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 11Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 12Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 13Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 14Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LC87F6AC8A
No.A0145-11/34
Pin Description
* Common to LC876A00 and LC876B00 compatible series
Pin Name
I/O
Description
Option
VSS1, VSS2
– power supply pin
No
VDD1, VDD2
VDD3, VDD4
+ power supply pin
No
VP
– VFD power supply pin
No
Port 0
P00 to P07
I/O
• 8-bit input/output port
• Input/output can be specified in 4-bit units.
• Pull-up registers can be turned on and off in 4-bit units.
• HOLD release input
• Port 0 interrupt input
• 12V maximum withstand voltage in N-channel open drain output mode
• Multiplexed pin functions
P05: Clock output (system clock/subclock selectable)
P06: Timer 6 toggle output
P07: Timer 7 toggle output
Yes
Port 1
P10 to P17
I/O
• 8-bit input/output port
• Input/output can be specified in 1-bit units.
• Pull-up registers can be turned on and off in 1-bit units.
• Multiplexed pin functions
P10: SIO0 data output
P11: SIO0 data input / bus input/output
P12: SIO0 clock input/output
P13: SIO1 data output
P14: SIO1 data input / bus input/output
P15: SIO1 clock input/output
P16: Timer 1 PWML output AD converter input port (AN14)
P17: Timer 1 PWMH output/buzzer output
Yes
Port 7
P70 to P73
I/O
• 4-bit input/output port
• Input/output can be specified in 1-bit units.
• Pull-up registers can be turned on and off in 1-bit units.
• Multiplexed pin functions
P70: INT0 input/HOLD release input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD release input/timer 0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/timer 0L capture input/
high-speed clock counter input
P73: INT3 input (input with noise filter)/timer 0 event input/timer 0H capture input
AD converter input port: AN8(P70), AN9(P71)
• Interrupt acknowledge type
INT0
×
INT1
×
INT2
×
×
INT3
×
×
No
Port 8
P80 to P87
I/O
• 8-bit input/output port
• Input/output can be specified in 1-bit units.
• Multiplexed pin functions
AD converter input port: AN0 to AN7
Small signal detector input port: MICIN (P87)
No


Numéro de pièce similaire - LC87F6AC8ALU-EJ-H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Description similaire - LC87F6AC8ALU-EJ-H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   null8-bit Withstand Voltage Microcontroller
May, 2013 Ver.1.00
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   null8-bit Withstand Voltage Microcontroller
March, 2015 ??Rev. P0
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X_13 Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com