Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8135YT5 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS8135YT5
Description  Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8135YT5 Fiches technique(HTML) 4 Page - ON Semiconductor

  CS8135YT5 Datasheet HTML 1Page - ON Semiconductor CS8135YT5 Datasheet HTML 2Page - ON Semiconductor CS8135YT5 Datasheet HTML 3Page - ON Semiconductor CS8135YT5 Datasheet HTML 4Page - ON Semiconductor CS8135YT5 Datasheet HTML 5Page - ON Semiconductor CS8135YT5 Datasheet HTML 6Page - ON Semiconductor CS8135YT5 Datasheet HTML 7Page - ON Semiconductor CS8135YT5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Load Transient Response (VOUT1)
Load Transient Response (VOUT2)
Quiescent Current vs. Output Current
Quiescent Current vs. Standby Output Current
Maximum Power Dissipation (TO-220)
AMBIENT TEMPERATURE (
°C)
20
0
18
16
14
12
10
8
6
4
2
0
10
20
30
40
50
60
70
80
90
INFINITE
HEAT SINK
10
° C/W HEAT SINK
NO HEAT SINK
STANDBY OUTPUT CURRENT (mA)
0
5
4
3
2
1
0
5
10
15
20
25
SWITCH OPEN
VO OFF
OUTPUT CURRENT (mA)
0
120
100
80
60
40
20
0
200
400
600
800
IOUT2=10mA
150
TIME (
µs)
100
50
0
-50
-100
-150
20
15
10
5
0
0
10
2030405060
150
TIME (
µs)
100
50
0
-50
-100
-150
0.8
0.6
0.4
0.2
0
0
10
20
3040
5060
4
Typical Performance Characteristics: continued


Numéro de pièce similaire - CS8135YT5

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8135YT5 CHERRY-CS8135YT5 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
More results

Description similaire - CS8135YT5

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com