Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5205-3GDP3 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS5205-3GDP3
Description  5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205-3GDP3 Fiches technique(HTML) 3 Page - ON Semiconductor

  CS5205-3GDP3 Datasheet HTML 1Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 2Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 3Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 4Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 5Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 6Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 7Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 8Page - ON Semiconductor CS5205-3GDP3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS5205−1, CS5205−3, CS5205−5
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (CIN = 10 mF, COUT = 22 mF Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 15 V,
0°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 5.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage (CS5205−1) (continued)
Ripple Rejection
f = 120 Hz; CAdj = 25 mF; IOUT = 5.0 A
82
dB
Temperature Stability
0.5
%
RMS Output Noise
10 Hz ≤ f ≤ 10 kHz; TA = 25°C
0.003
%VOUT
Thermal Shutdown
150
180
°C
Thermal Shutdown Hysteresis
25
°C
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 10 V,
0°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 5.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Fixed Output Voltage (CS5205−3, CS5205−5)
Reference Voltage (Notes 6 and 7)
CS5205−5
CS5205−3
VIN − VOUT = 1.5 V; 0 ≤ IOUT ≤ 5.0 A
VIN − VOUT = 1.5 V; 0 ≤ IOUT ≤ 5.0 A
4.9 (−2%)
3.234 (−2%)
5.0
3.3
5.1 (+2%)
3.366 (+2%)
V
V
Line Regulation
1.5 V ≤ VIN − VOUT ≤ 6.0 V; IOUT = 10 mA
0.04
0.20
%
Load Regulation (Notes 6 and 7)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 5.0 A
0.08
0.40
%
Dropout Voltage (Note 8)
IOUT = 5.0 A
1.2
1.3
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
VIN − VOUT = 9.0 V
5.5
8.5
1.0
A
A
Quiescent Current
VIN ≤ 9.0 V; IOUT = 10 mA
5.0
10
mA
Thermal Regulation
30 ms pulse; TA = 25°C
0.003
%W
Ripple Rejection
f = 120 Hz; IOUT = 5.0 A
75
dB
Temperature Stability
0.5
%
RMS Output Noise (%VOUT)
10 Hz ≤ f ≤ 10 kHz
0.003
%VOUT
Thermal Shutdown
150
180
°C
Thermal Shutdown Hysteresis
25
°C
6. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
7. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
8. Dropout voltage is a measurement of the minimum input/output differential at full load.
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
CS5205−1
CS5205−3, −5
D2PAK−3
TO−220−3
D2PAK−3
TO−220−3
1
1
N/A
N/A
Adj
Adjust pin (low side of the internal reference).
2
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
3
VIN
Input voltage.
N/A
N/A
1
1
GND
Ground connection.


Numéro de pièce similaire - CS5205-3GDP3

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5205-3GDP3 CHERRY-CS5205-3GDP3 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
More results

Description similaire - CS5205-3GDP3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com