Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS562200 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS562200
Description  Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS562200 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS562200_15 Datasheet HTML 1Page - Texas Instruments TPS562200_15 Datasheet HTML 2Page - Texas Instruments TPS562200_15 Datasheet HTML 3Page - Texas Instruments TPS562200_15 Datasheet HTML 4Page - Texas Instruments TPS562200_15 Datasheet HTML 5Page - Texas Instruments TPS562200_15 Datasheet HTML 6Page - Texas Instruments TPS562200_15 Datasheet HTML 7Page - Texas Instruments TPS562200_15 Datasheet HTML 8Page - Texas Instruments TPS562200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS562200, TPS563200
SLVSCB0C – JANUARY 2014 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagrams ..................................... 11
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
9
Application And Implementation........................ 14
4
Simplified Schematic............................................. 1
9.1
Application Information............................................ 14
5
Revision History..................................................... 2
9.2
Typical Applications ................................................ 14
6
Pin Configuration And Functions ........................ 4
10
Power Supply Recommendations ..................... 22
7
Specifications......................................................... 5
11
Layout................................................................... 23
7.1
Absolute Maximum Ratings ..................................... 5
11.1
Layout Guidelines ................................................. 23
7.2
ESD Ratings ............................................................ 5
11.2
Layout Example .................................................... 23
7.3
Recommended Operating Conditions ....................... 5
12
Device And Documentation Support................. 24
7.4
Thermal Information .................................................. 5
12.1
Related Links ........................................................ 24
7.5
Electrical Characteristics........................................... 6
12.2
Community Resources.......................................... 24
7.6
Timing Requirements ................................................ 6
12.3
Trademarks ........................................................... 24
7.7
Typical Characteristics TPS562200 .......................... 7
12.4
Electrostatic Discharge Caution ............................ 24
7.8
Typical Characteristics TPS563200 .......................... 9
12.5
Glossary ................................................................ 24
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, And Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 24
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2014) to Revision C
Page
Changed Features From: Integrated 122 m
Ω and 72 mΩ FETs ('562200) To: TPS562200 - 2A converter with
Integrated 122 m
Ω and 72 mΩ FETs ..................................................................................................................................... 1
Changed Features From: Integrated 68-m
Ω and 39-mΩ FETs ('563200) To: TPS563200 - 3A converter with
Integrated 68-m
Ω and 39-mΩ FETs....................................................................................................................................... 1
Added Features: 650 kHz Switching Frequency .................................................................................................................... 1
Changed Features From: Cycle-By-Cycle Hiccup Over-current Limit To: Cycle-By-Cycle Overcurrent Limit ....................... 1
Added Features: Hiccup-Mode Undervoltage Protection ....................................................................................................... 1
Changed text in the first paragraph of the Description From: "..in SOT-23 package." To: "in 6 pin SOT-23 package."........ 1
Moved Storage temperature range, Tstg From: Handling Ratings To: Absolute Maximum Ratings
(1) ................................... 5
Changed the Handling Ratings table to the ESD Ratings table ............................................................................................. 5
Changed the TPS562200 Thermal Information values .......................................................................................................... 5
Changed VOVP Description in the Electrical Characteristics From: OVP Detect (L > H) To: OVP Detect, and the TYP
value From: 125% To: 125% x Vfbth...................................................................................................................................... 6
Changed VUVP Description in the Electrical Characteristics From: Hiccup detect (H < L) To: Hiccup detect , and the
TYP value From: 65% To: 65% x Vfbth ................................................................................................................................. 6
Changed the Output Current (A) scale of Figure 7 ............................................................................................................... 7
Changed VOUT = 5 V To VOUT = 3.3 V in Figure 15 ............................................................................................................... 9
Changed the X axis From: Junction Temperature To: Ambient Temperature in Figure 16 .................................................. 9
Added a NOTE to the Application and Implementation section ........................................................................................... 14
Changed column heading C8 + C9 (µF) To: C5 + C6 (µF) in Table 2................................................................................. 15
Changed column heading C8 + C9 (µF) To: C5 + C6 + C7 (µF) in Table 2 ........................................................................ 19
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS562200 TPS563200


Numéro de pièce similaire - TPS562200_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Description similaire - TPS562200_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com