Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856Q Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC2856Q
Description  IMPROVED CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q Fiches technique(HTML) 4 Page - Texas Instruments

  UC2856Q_15 Datasheet HTML 1Page - Texas Instruments UC2856Q_15 Datasheet HTML 2Page - Texas Instruments UC2856Q_15 Datasheet HTML 3Page - Texas Instruments UC2856Q_15 Datasheet HTML 4Page - Texas Instruments UC2856Q_15 Datasheet HTML 5Page - Texas Instruments UC2856Q_15 Datasheet HTML 6Page - Texas Instruments UC2856Q_15 Datasheet HTML 7Page - Texas Instruments UC2856Q_15 Datasheet HTML 8Page - Texas Instruments UC2856Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
G +
DVCOMP
DVCS)
; DVCS * + 0 V 1 V.
(4)
Amplifier gain defined as:
UC2856Q
SGLS265A
– NOVEMBER 2004 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 125°C, VIN = 15 V, RT = 10 kΩ, CT = 1 nF, and TA = TJ (unless otherwise stated)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER SECTION
Input offset voltage
VCM = 2 V
5
mV
Input bias current
–1
µA
Input offset current
500
nA
Common mode range
VIN = 8 V to 40 V
0
VIN
–2
V
Open loop gain
VO = 1.2 V to 3 V
80
100
dB
Unity gain bandwidth
TJ = 25°C
1
1.5
MHz
CMRR
VCM = 0 V to 38 V,
VIN = 40 V
75
100
dB
PSRR
VIN = 8 V to 40 V
80
100
dB
Output sink current
VID = -15 mV
VCOMP = 1.2 V
5
10
mA
Output source current
VID = 15 mV
VCOMP = 2.5 V
–0.4
–0.5
mA
High-level output voltage
VID = 50 mV,
RL (COMP) = 15 kΩ
4.3
4.6
4.9
V
Low-level output voltage
VID = –50 mV,
RL (COMP) = 15 kΩ
0.7
1
V
CURRENT SENSE AMPLIFIER SECTION
Amplifier gain
VCS– = 0 V,
CL SS Open(3) (4)
2.5
2.75
3
V/V
Maximum differential input signal (VCS+ – VCS–)
CL SS Open 3,
RL (COMP) = 15 kΩ
1.1
1.2
V
Input offset voltage
VCL SS = 0.5 V
COMP open(3)
5
35
mV
CMRR
VCM = 0 V to 3 V
60
dB
PSRR
VIN = 8 V to 40 V
60
dB
Input bias current
VCL SS = 0.5 V,
COMP open(3)
–1
µA
Input offset current
VCL SS = 0.5 V,
COMP open(3)
1
mA
Input common mode range
0
3
V
Delay to outputs
VEA+ = VREF, EA– = 0 V, CS+ – CS– = 0 V to 1.5 V
120
250
ns
CURRENT LIMIT ADJUST SECTION
Current limit offset
VCS– = 0 V, VCS+ = 0 V,
COMP Open(3)
0.4
0.5
0.6
V
Input bias current
VEA+ = VREF,
VEA– = 0 V
–10
–30
µA
SHUTDOWN TERMINAL SECTION
Threshold voltage
0.95
1.00
1.05
V
Input voltage range
0
5
V
Minimum latching current (ICL SS)
(5)3
1.5
mA
Maximum non-latching current (ICL SS)
(6)1.5
0.8
mA
Delay to outputs
VSHUTDOWN = 0 V to 1.3 V
65
110
ns
OUTPUT SECTION
Collector-emitter voltage
40
V
Off-state bias current
VC = 40 V
250
µA
IOUT = 20 mA
0.1
0.5
Output low level voltage
V
IOUT = 200 mA
0.5
2.6
IOUT = –20 mA
12.5
13.2
Output high level voltage
V
IOUT = –200 mA
12
13.1
Rise time
C1 = 1 nF
40
80
ns
Fall time
C1 = 1 nF
40
80
ns
UVLO low saturation
VIN = 0 V,
IOUT = 20 mA
0.8
1.5
V
(3)
Parameter measured at trip point of latch with VEA+ = VREF, VEA- = 0 V.
(5)
Current into CL SS assured to latch circuit into shutdown state.
(6)
Current into CL SS assured not to latch circuit into shutdown state.
4
Copyright
© 2004–2011, Texas Instruments Incorporated


Numéro de pièce similaire - UC2856Q_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856QDWR TI-UC2856QDWR Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856QDWRQ1 TI-UC2856QDWRQ1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2856Q_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com