Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP196AMNG Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce MC100EP196AMNG
Description  3.3 V ECL Programmable Delay Chip
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196AMNG Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button MC100EP196AMNG Datasheet HTML 7Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 8Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 9Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 10Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 11Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 12Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 13Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 14Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC100EP196A
http://onsemi.com
11
Figure 4. AC Reference Measurement
IN
IN
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)
Using the FTUNE Analog Input
The analog FTUNE pin on the EP196 device is intended
to add more delay in a tunable gate to enhance the 10 ps
resolution capabilities of the fully digital EP196. The level
of resolution obtained is dependent on the voltage applied to
the FTUNE pin.
To provide this further level of resolution, the FTUNE pin
must be capable of adjusting the additional delay finer than
the 10 ps digital resolution (See Logic Diagram). This
requirement is easily achieved because a 60 ps additional
delay can be obtained over the entire FTUNE voltage range
(See Figure 5). This extra analog range ensures that the
FTUNE pin will be capable even under worst case
conditions of covering a digital resolution. Typically, the
analog input will be driven by an external DAC to provide
a digital control with very fine analog output steps. The final
resolution of the device will be dependent on the width of the
DAC chosen.
To determine the voltage range necessary for the FTUNE
input, Figure 5 should be used. There are numerous voltage
ranges which can be used to cover a given delay range; users
are given the flexibility to determine which one best fits their
designs.
Figure 5. Typical EP196A Delay versus FTUNE Voltage
FTUNE VOLTAGE (V)
−3.3 −2.97 −2.64 −2.31
−1.98 −1.65 −1.32 −0.99
−0.66 −0.33
0
90
80
70
60
50
40
30
20
10
0
−10
−40
°C
85
°C
25
°C
VCC = 0 V
VEE = −3.3 V
VCC
VEE
Cascading Multiple EP196As
To increase the programmable range of the EP196A,
internal cascade circuitry has been included. This circuitry
allows for the cascading of multiple EP196As without the
need for any external gating. Furthermore, this capability
requires only one more address line per added E196A.
Obviously, cascading multiple programmable delay chips
will result in a larger programmable range: however, this
increase is at the expense of a longer minimum delay.
Figure 6 illustrates the interconnect scheme for cascading
two EP196As. As can be seen, this scheme can easily be
expanded for larger EP196A chains. The D10 input of the
EP196A is the CASCADE control pin. With the
interconnect scheme of Figure 6 when D10 is asserted, it
signals the need for a larger programmable range than is
achievable with a single device and switches output pin
CASCADE HIGH and pin CASCADE LOW. The A11
address can be added to generate a cascade output for the
next EP196A. For a 2−device configuration, A11 is not
required.


Numéro de pièce similaire - MC100EP196AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

Description similaire - MC100EP196AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com