Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP196AMNG Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC100EP196AMNG
Description  3.3 V ECL Programmable Delay Chip
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196AMNG Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button MC100EP196AMNG Datasheet HTML 3Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 4Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 5Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 6Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 7Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 8Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 9Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 10Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC100EP196A
http://onsemi.com
7
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
0
100
200
300
400
500
600
700
800
900
1000
Decimal Value of Select Inputs (D[9:0])
85
°C
25
°C
−40
°C
Figure 3. Measured Delay vs. Select Inputs
Table 8. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Mode Power Supply
VEE = 0 V
6
V
VEE
Negative Mode Power Supply
VCC = 0 V
−6
V
VI
Positive Mode Input Voltage
Negative Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
QFN−32
QFN−32
31
27
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P
QFN−32
12
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248
°C
<2 to 3 sec @ 260
°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Numéro de pièce similaire - MC100EP196AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

Description similaire - MC100EP196AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com