Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1431-SP Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TL1431-SP
Description  CLASS V, PRECISION PROGRAMMABLE REFERENCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL1431-SP Fiches technique(HTML) 5 Page - Texas Instruments

  TL1431-SP_15 Datasheet HTML 1Page - Texas Instruments TL1431-SP_15 Datasheet HTML 2Page - Texas Instruments TL1431-SP_15 Datasheet HTML 3Page - Texas Instruments TL1431-SP_15 Datasheet HTML 4Page - Texas Instruments TL1431-SP_15 Datasheet HTML 5Page - Texas Instruments TL1431-SP_15 Datasheet HTML 6Page - Texas Instruments TL1431-SP_15 Datasheet HTML 7Page - Texas Instruments TL1431-SP_15 Datasheet HTML 8Page - Texas Instruments TL1431-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
200
0
− 200
−1
0
1
2
3
4
400
600
CATHODE CURRENT
vs
CATHODE VOLTAGE
800
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
−2
0
− 50
− 100
− 150
− 3
− 2
− 1
50
100
CATHODE CURRENT
vs
CATHODE VOLTAGE
150
0
1
2
3
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
2.5
2.49
2.48
− 50
− 25
0
25
50
2.51
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2.52
75
100
125
VI(ref) = VKA
IKA = 10 mA
TA − Free-Air Temperature − °C
REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
− 50
− 25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
TA − Free-Air Temperature − °C
IKA = 10 mA
R1 = 10 k
R2 =
TL1431-SP
www.ti.com
SLVSB44B – JULY 2012 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS
Data at high and low temperatures are applicable only within the recommended operating free-air temperature
ranges of the various devices.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL1431-SP


Numéro de pièce similaire - TL1431-SP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1431-SP TI1-TL1431-SP_13 Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

Description similaire - TL1431-SP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1431-SP TI1-TL1431-SP Datasheet
186Kb / 13P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI1-TL1431-SP_13 Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI-TL1431-SP_V01 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com