Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1431 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TL1431
Description  PRECISION PROGRAMMABLE REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL1431 Fiches technique(HTML) 5 Page - Texas Instruments

  TL1431_15 Datasheet HTML 1Page - Texas Instruments TL1431_15 Datasheet HTML 2Page - Texas Instruments TL1431_15 Datasheet HTML 3Page - Texas Instruments TL1431_15 Datasheet HTML 4Page - Texas Instruments TL1431_15 Datasheet HTML 5Page - Texas Instruments TL1431_15 Datasheet HTML 6Page - Texas Instruments TL1431_15 Datasheet HTML 7Page - Texas Instruments TL1431_15 Datasheet HTML 8Page - Texas Instruments TL1431_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
∆I
∆V
|z'| =
R2
R1
|z |
KA
(1 +
(
∆I
KA
∆V
KA
|z | =
KA
where:
∆TA is the rated operating temperature range of the device.
Max VI(ref)
Min VI(ref)
˙TA
VI(dev)
α
VI(ref)
ppm
°C
V
I(dev)
V
I(ref)
at 25
°C
× 10
6
T
A
(
( =
(
(
∆V
KA
∆V
I(ref)
(4)
The output impedance is defined as:
, which is approximately equal to
.
TL1431
www.ti.com
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
Electrical Characteristics
at specified free-air temperature, IKA = 10 mA (unless otherwise noted)
TL1431Q
TL1431M
TEST
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
CIRCUIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
2490
2500
2510
2475
2500
2540
VI(ref)
Reference input voltage
VKA = VI(ref)
Figure 1
mV
Full
2470
2530
2460
2550
range
Deviation of reference
Full
VI(dev)
input voltage over full
VKA = VI(ref)
Figure 1
17
55
17
55(3)
mV
range
temperature range(2)
Ratio of change in
reference input voltage
Full
ΔVKA = 3 V to 36 V
Figure 2
–1.1
–2
–1.1
–2
mV/V
to the change in
range
cathode voltage
25°C
1.5
2.5
1.5
2.5
II(ref)
Reference input current
R1 = 10 k
Ω, R2 = ∞
Figure 2
μA
Full
4
5
range
Deviation of reference
Full
II(dev)
input current over full
R1 = 10 k
Ω, R2 = ∞
Figure 2
0.5
2
0.5
3(3)
μA
range
temperature range(2)
Minimum cathode
Imin
VKA = VI(ref)
25°C
Figure 1
0.45
1
0.45
1
mA
current for regulation
25°C
0.18
0.5
0.18
0.5
Off-state cathode
Ioff
VKA = 36 V, VI(ref) = 0
Figure 3
μA
Full
current
2
2
range
VKA = VI(ref), f ≤ 1 kHz,
|zKA|
Output impedance(4)
25°C
Figure 1
0.2
0.4
0.2
0.4
IKA = 1 mA to 100 mA
(1)
Full range is –40°C to 125°C for Q-suffix devices and –55°C to 125°C for M-suffix devices.
(2)
The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the
rated temperature range. The average full-range temperature coefficient of the reference input voltage
αVI(ref) is defined as:
αVI(ref) is positive or negative, depending on whether minimum VI(ref) or maximum VI(ref), respectively, occurs at the lower temperature.
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by:
Copyright © 1991–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL1431


Numéro de pièce similaire - TL1431_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1431 TI-TL1431_10 Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI1-TL1431_16 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Description similaire - TL1431_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com