Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11921T Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LB11921T
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11921T Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LB11921T Datasheet HTML 3Page - ON Semiconductor LB11921T Datasheet HTML 4Page - ON Semiconductor LB11921T Datasheet HTML 5Page - ON Semiconductor LB11921T Datasheet HTML 6Page - ON Semiconductor LB11921T Datasheet HTML 7Page - ON Semiconductor LB11921T Datasheet HTML 8Page - ON Semiconductor LB11921T Datasheet HTML 9Page - ON Semiconductor LB11921T Datasheet HTML 10Page - ON Semiconductor LB11921T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LB11921T
No.A0604-7/18
Pin Functions
Pin No.
Symbol
Pin Description
Equivalent Circuit
1
S/S
Start/stop control
Low: 0V to 1.0V
High: 2.0V to VCC
Goes high when left open.
Low for start.
The hysteresis is about 0.22V
2
CLK
External clock signal input
Low: 0V to 1.0V
High: 2.0V to VCC
Goes high when left open.
The hysteresis is about 0.22V.
f = 2.34kHz, maximum
3
F/R
Forward/reverse control
Low: 0V to 1.0V
High: 2.0V to VCC
Goes high when left open.
Low for forward.
The hysteresis is about 0.22V.
4
BR
Brake pin (short braking operation)
Low: 0V to 1.0V
High: 2.0V to VCC
Goes high when left open.
High or open for brake mode operation.
The hysteresis is about 0.22V.
Continued on next page.
VCC
3.5k
Ω
1
VCC
3.5k
Ω
2
VCC
3.5k
Ω
3
VCC
3.5k
Ω
4


Numéro de pièce similaire - LB11921T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11921T-MPB-E ONSEMI-LB11921T-MPB-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
LB11921T-TLM-E ONSEMI-LB11921T-TLM-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
More results

Description similaire - LB11921T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com