Moteur de recherche de fiches techniques de composants électroniques |
|
LC88F58B0A Fiches technique(PDF) 1 Page - ON Semiconductor |
|
LC88F58B0A Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 31 page 41311HKIM 20080924-S00002 No.A1951-1/31 http://onsemi.com Semiconductor Components Industries, LLC, 2013 May, 2013 Ver.1.03 LC88F58B0A Overview The LC88F58B0A is a 16-bit microcomputer that, centered around an Xstromy16 CPU, integrates on a single chip a number of hardware features such as 128K-byte flash ROM (onboard programmable), 6K-byte RAM, six 16-bit timers, a base timer serving as a time-of-day clock, two synchronous SIO interfaces with automatic transmission capability, a single master I 2C/synchronous SIO interface, two asynchronous SIO (UART) interfaces, a 11-channel 12-bit resolution AD converter, a motor drive signal generator circuit, two multifrequency 12-bit PWM modules, a watchdog timer, a system clock frequency divider, a 40-source (24 modules) 16-vector interrupt feature, and on-chip debugger feature. Features Xstromy16 CPU • 4G-byte address space • General-purpose registers: 16 bits × 16 registers Flash ROM • Capable of onboard programming with a wide range of voltage levels (3.0 to 5.5V). • Block-erasable in 128 or 1K byte units. • Data written in 2-byte units. • 131072 × 8 bits RAM • 6144 × 8 bits Ordering number : ENA1951 Ordering number : ENA1951 CMOS IC FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller * This product is licensed from Silicon Storage Technology, Inc. (USA). |
Numéro de pièce similaire - LC88F58B0A |
|
Description similaire - LC88F58B0A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |