Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A1479-1B Fiches technique(PDF) 2 Page - Everlight Electronics Co., Ltd

No de pièce A1479-1B
Description  5.0mm 1pcs Circuit Board Indicator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A1479-1B Fiches technique(HTML) 2 Page - Everlight Electronics Co., Ltd

  A1479-1B_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A1479-1B_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EVERLIGHT ELECTRONICS CO.,LTD.
EVERLIGHT ELECTRONICS CO.,LTD.
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm 1pcs Circuit Board Indicator
5.0mm 1pcs Circuit Board Indicator
5.0mm 1pcs Circuit Board Indicator
5.0mm 1pcs Circuit Board Indicator
A1479-1B/SURSYGW/S530-A3
Package Dimensions
Notes:
1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package
█ Absolute Maximum Ratings at Ta = 25℃
Absolute Maximum Ratings at Ta = 25℃
Absolute Maximum Ratings at Ta = 25℃
Absolute Maximum Ratings at Ta = 25℃
Parameter
Rating
Unit
SUR/S530
mA
SYG/S530
Operating Temperature
-40 to +85
Storage Temperature
-40 to +100
Soldering Temperature
260 ± 5
SUR/S530
SYG/S530
SUR/S530
SYG/S530
Reverse Voltage
VR
5
V
Note: *1:IFP Conditions --Pulse Width ≦ 1msec and Duty ≦ 1/10.
*2:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
1
Page: 2 of 7
Device Number :
CDAE-147-027
Prepared date:
Prepared by:
Hong Fa Chen
25
2000
2000
60
60
2005/3/25
Forward Current
IF
Pd
25
Symbol
Topr
Tstg
Tsol
Electrostatic Discharge
ESD
V
Power Dissipation
mW
SUR
SYG


Numéro de pièce similaire - A1479-1B_15

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
A1479-1B-SURSYGW-S530-A3 EVERLIGHT-A1479-1B-SURSYGW-S530-A3 Datasheet
419Kb / 7P
   5.0mm 1pcs Circuit Board Indicator
More results

Description similaire - A1479-1B_15

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
A1479-1B-SURSYGW-S530-A3 EVERLIGHT-A1479-1B-SURSYGW-S530-A3 Datasheet
419Kb / 7P
   5.0mm 1pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A3724B-SUR-S530-A3 EVERLIGHT-A3724B-SUR-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2703B-SUR-S530-A3 EVERLIGHT-A2703B-SUR-S530-A3 Datasheet
101Kb / 6P
   4.7mm 1Pcs Circuit Board Indicator
A253B-SUR-S530-A3-R EVERLIGHT-A253B-SUR-S530-A3-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A4254B-SUR-S530-A3 EVERLIGHT-A4254B-SUR-S530-A3 Datasheet
105Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4414B-20-SUBC-S400-A6 EVERLIGHT-A4414B-20-SUBC-S400-A6 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-UY-S530-A3 EVERLIGHT-A4254B-UY-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-SYG-S530-E2-C199 EVERLIGHT-A4254B-SYG-S530-E2-C199 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A253B-SYG-S530-E2 EVERLIGHT-A253B-SYG-S530-E2 Datasheet
106Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com