Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK984-090A-E Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce STK984-090A-E
Description  3-phase Brushless DC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-090A-E Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button STK984-090A-E Datasheet HTML 5Page - ON Semiconductor STK984-090A-E Datasheet HTML 6Page - ON Semiconductor STK984-090A-E Datasheet HTML 7Page - ON Semiconductor STK984-090A-E Datasheet HTML 8Page - ON Semiconductor STK984-090A-E Datasheet HTML 9Page - ON Semiconductor STK984-090A-E Datasheet HTML 10Page - ON Semiconductor STK984-090A-E Datasheet HTML 11Page - ON Semiconductor STK984-090A-E Datasheet HTML 12Page - ON Semiconductor STK984-090A-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STK984-090A-E
NoA2290-9/20
Description of Operation
3-phase DC Motor Driver Hybrid-IC controlling outputs with signal input terminals UT to WT and UB to WB.
The output section is “Active Hi” control type that goes to ON operation when the input control signal is Hi level.
1. Method of Driving MOSFET Output Section
(1) Upper-phase MOSFET
The upper-phase MOSFET will be driven by the built-in charge pump circuit. The gate voltage VG from the built-in
charge pump circuit is set at VG= V+B1+12V
V+B1(V)
VG(V)
VGS
V+B1
24
9
6
35
21
VGS=V+B1+12V Pressure Rising State
The oscillation of
the charge pump
circuit will be OFF
by The Over
Voltage Protection
Normal Oscillation State
14
6
(2) Lower-phase MOSFET
Lower-phase MOSFET operates the supply voltage V+B1 as the supply source of the drive voltage VGS.
V+B1 (V)
VGS (V)
20
9
6
VGS (V)
17
V+B1 =18.5 V or more is
VGS= 17V Fixed
15
12
20


Numéro de pièce similaire - STK984-090A-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
More results

Description similaire - STK984-090A-E

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
   3-Phase Brushless DC Motor Pre-Driver
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
   Sensorless 3-phase brushless DC Motor driver
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P_06 Datasheet
423Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR DRIVER IC
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
A4936 ALLEGRO-A4936 Datasheet
204Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com