Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C257 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CAT28C257
Description  256 kb CMOS Parallel EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C257 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button CAT28C257 Datasheet HTML 2Page - ON Semiconductor CAT28C257 Datasheet HTML 3Page - ON Semiconductor CAT28C257 Datasheet HTML 4Page - ON Semiconductor CAT28C257 Datasheet HTML 5Page - ON Semiconductor CAT28C257 Datasheet HTML 6Page - ON Semiconductor CAT28C257 Datasheet HTML 7Page - ON Semiconductor CAT28C257 Datasheet HTML 8Page - ON Semiconductor CAT28C257 Datasheet HTML 9Page - ON Semiconductor CAT28C257 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT28C257
http://onsemi.com
6
DEVICE OPERATION
Read
Data stored in the CAT28C257 is transferred to the data
bus when WE is held high, and both OE and CE are held low.
The data bus is set to a high impedance state when either CE
or OE goes high. This 2−line control architecture can be used
to eliminate bus contention in a system environment.
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either WE
or CE, with the address input being latched on the falling
edge of WE or CE, whichever occurs last. Data, conversely,
is latched on the rising edge of WE or CE, whichever occurs
first. Once initiated, a byte write cycle automatically erases
the addressed byte and the new data is written within 5 ms.
Figure 4. Read Cycle
ADDRESS
DATA OUT
DATA VALID
DATA VALID
HIGH−Z
tOHZ
tHZ
tAA
tOH
tOE
tOLZ
tCE
tLZ
tRC
VIH
CE
OE
WE
Figure 5. Byte Write Cycle [WE Controlled]
ADDRESS
DATA OUT
DATA IN
DATA VALID
HIGH−Z
WE
OE
CE
tAH
tAS
tCS
tCH
tWP
tOES
tOEH
tBLC
tDS
tDH
tWC


Numéro de pièce similaire - CAT28C257

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
More results

Description similaire - CAT28C257

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256 ONSEMI-CAT28C256 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com