Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC16244 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 74ALVC16244
Description  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16244 Fiches technique(HTML) 4 Page - ON Semiconductor

  74ALVC16244 Datasheet HTML 1Page - ON Semiconductor 74ALVC16244 Datasheet HTML 2Page - ON Semiconductor 74ALVC16244 Datasheet HTML 3Page - ON Semiconductor 74ALVC16244 Datasheet HTML 4Page - ON Semiconductor 74ALVC16244 Datasheet HTML 5Page - ON Semiconductor 74ALVC16244 Datasheet HTML 6Page - ON Semiconductor 74ALVC16244 Datasheet HTML 7Page - ON Semiconductor 74ALVC16244 Datasheet HTML 8Page - ON Semiconductor 74ALVC16244 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74ALVC16244
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 8)
1.65 V ≤ VCC < 2.3 V
0.65 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
1.7
2.7 V < VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 8)
1.65 V ≤ VCC < 2.3 V
0.35 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
0.7
2.7 V < VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 1.65 V; IOH = −4 mA
1.2
VCC = 2.3 V; IOH = −6 mA
2.0
VCC = 2.3 V; IOH = −12 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −12 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.0
VOL
LOW Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 4 mA
0.45
VCC = 2.3 V; IOL = 6 mA
0.4
VCC = 2.3 V; IOL = 12 mA
0.7
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V ≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 3.6 V
±5.0
mA
IOZ
3−State Output Current
1.65 V ≤ VCC ≤ 3.6 V; 0 V ≤ VO ≤ 3.6 V;
VI = VIH or VIL
±10
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current (Note 9)
1.65 V ≤ VCC ≤ 3.6 V; VI = GND or VCC
40
mA
1.65 V ≤ VCC ≤ 3.6 V; 3.6 V ≤ VI, VO ≤ 3.6 V
±40
mA
DICC
Increase in ICC per Input
2.7 V < VCC ≤ 3.6 V; VIH = VCC − 0.6 V
750
mA
8. These values of VI are used to test DC electrical characteristics only.
9. Outputs disabled or 3−state only.
AC CHARACTERISTICS (Note 10; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
Limits
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V VCC = 2.3 V to 2.7 V
VCC = 1.65 to 1.95 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
1
1.0
1.0
3.0
3.0
1.0
1.0
3.7
3.7
1.0
1.0
6.0
6.0
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.0
1.0
4.4
4.4
1.0
1.0
5.7
5.7
1.0
1.0
8.2
8.2
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.0
1.0
4.1
4.1
1.0
1.0
5.2
5.2
1.0
1.0
6.8
6.8
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 11)
0.5
0.5
0.5
0.5
0.75
0.75
ns
10.For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
11. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Numéro de pièce similaire - 74ALVC16244

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Nexperia B.V. All right...
74ALVC16244 NEXPERIA-74ALVC16244 Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
Texas Instruments
74ALVC16244ADGGRE4 TI-74ALVC16244ADGGRE4 Datasheet
369Kb / 14P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVC16244ADLRG4 TI-74ALVC16244ADLRG4 Datasheet
369Kb / 14P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVC16244

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com