Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65400-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65400-Q1
Description  TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65400-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS65400-Q1 Datasheet HTML 7Page - Texas Instruments TPS65400-Q1 Datasheet HTML 8Page - Texas Instruments TPS65400-Q1 Datasheet HTML 9Page - Texas Instruments TPS65400-Q1 Datasheet HTML 10Page - Texas Instruments TPS65400-Q1 Datasheet HTML 11Page - Texas Instruments TPS65400-Q1 Datasheet HTML 12Page - Texas Instruments TPS65400-Q1 Datasheet HTML 13Page - Texas Instruments TPS65400-Q1 Datasheet HTML 14Page - Texas Instruments TPS65400-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
TPS65400
www.ti.com
SLVSCQ9B – NOVEMBER 2014 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The TPS65400 is an integrated PMU optimized for applications that require small form factor and high-power
conversion efficiency enabling small space-constrained equipment with high-ambient operating temperature
without cooling. It provides high-power efficiency at a system level by enabling a single-stage conversion from an
intermediate distribution bus with an optimized combination of regulators.
The TPS65400 consists of four high-current buck-switching regulators (SW1, SW2, SW3, and SW4) with
integrated FETs. The switching power supplies are intended for powering high-current digital circuits such as the
processor, FPGA, ASIC, memory, and digital I/Os. SW1 and SW2 support 4 A each, and SW3 and SW4 support
2 A each. Each regulator’s switching frequency is independently adjustable up to 2.2 MHz.
Current limit programmability on each switcher enables optimization of inductor ratings for a particular application
configuration not requiring the maximum current capability.
The TPS65400 can be powered from a single-input voltage rail between 4.5 and 18 V, making it suitable for
applications running off a 5- or 12-V intermediate power distribution bus.
Sequencing requirements can be met using the individual enable pins or by programming the sequence through
the I2C bus into the onboard EEPROM. Output voltages can be set through external resistor networks and VREF
can be programmed from 0.6 to 1.87 V in 10-mV steps. All control and status info can be accessed through a
PMBus-compatible I2C bus.
The TPS65400 provides a high level of flexibility for monitoring and control through the I2C bus while providing
the option of programmability through the use of external components and voltage levels for systems not using
I2C.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65400


Numéro de pièce similaire - TPS65400-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results

Description similaire - TPS65400-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com