Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65286 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65286
Description  TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65286 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS65286 Datasheet HTML 2Page - Texas Instruments TPS65286 Datasheet HTML 3Page - Texas Instruments TPS65286 Datasheet HTML 4Page - Texas Instruments TPS65286 Datasheet HTML 5Page - Texas Instruments TPS65286 Datasheet HTML 6Page - Texas Instruments TPS65286 Datasheet HTML 7Page - Texas Instruments TPS65286 Datasheet HTML 8Page - Texas Instruments TPS65286 Datasheet HTML 9Page - Texas Instruments TPS65286 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TPS65286
SLVSCG1 – MARCH 2014
www.ti.com
7.4 Thermal Information
TPS65286
THERMAL METRIC(1)
RHD
UNIT
28 TERMINAL
RθJA
Junction-to-ambient thermal resistance(2)
35.6
RθJCtop
Junction-to-case (top) thermal resistance(3)
24.2
RθJB
Junction-to-board thermal resistance(4)
7.9
°C/W
RψJT
Junction-to-top characterization parameter(5)
0.3
RψJB
Junction-to-board characterization parameter(6)
7.96
RθJCbot
Junction-to-case (bottom) thermal resistance(7)
1.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
7.5 Electrical Characteristics
TJ = 25°C, VIN = 24 V, fSW = 500 kHz, RnFAULTx = 100 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range
VIN1 and VIN2
4.5
28
V
IDDSDN
Shutdown supply current
EN1 = EN2 = low
7.60
15
µA
Quiescent current without buck
EN = high, ENx = low, FB = 1 V
IDDQ_NSW
0.8
mA
switching
Without buck switching
Input quiescent current with buck
EN = high, ENx = low, FB = 0.6 V
IDDQ_SW
26
mA
switching
With buck switching
Rising VIN
4
4.25
4.50
UVLO
VIN under voltage lockout
Falling VIN
3.75
4
4.25
V
Hysteresis
0.25
Low side gate driver, controller,
V7V load current = 0 A,
V7V
6.10
6.25
6.4
V
biasing supply
VIN = 24 V
IOCP_V7V
Current limit of V7V LDO
83
mA
ENABLE
VENR
Enable threshold
Rising
1.21
1.26
V
VENF
Enable threshold
Falling
1.10
1.17
V
IENL
Enable pull-up current
EN = 1 V
3
µA
IENH
Enable pull-up current
EN = 1.5 V
6
µA
IENHYS
Enable hysteresis current
3
µA
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS65286


Numéro de pièce similaire - TPS65286

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Description similaire - TPS65286

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com