Moteur de recherche de fiches techniques de composants électroniques |
|
TPS65276DAPT Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS65276DAPT Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 33 page EN1 PGND2 PGND2 PVIN2 PVIN2 ISHARE MODE V7V VIN PVIN1 EN2 PVIN1 FB2 RLIM2 BST2 LX2 LX2 SS2 COMP2 AGND ROSC COMP1 SS1 LX1 PGND1 PGND1 LX1 BST1 1 2 3 5 6 7 8 9 10 11 12 13 14 28 29 30 31 32 21 22 23 24 25 26 27 19 20 L1 4.7uH C19 47nF Power Ground Analog Ground C22 C9 1uF R16 100K R15 100K C14 10uF DVCC R23 C23 VIN 4.5V~18V RLIM1 FB1 17 18 PGOOD1 PGOOD2 15 16 Power Pad 4 C20 22uF*4 R17 R18 C18 C3 10uF R2 100K R1 100K L2 4. 7uH C30 47nF Io2=3.5A C27 C29 22uF*4 R32 R31 C31 C26 R26 R24 33 Io1=6A TPS65276 www.ti.com SLVSC83A – AUGUST 2013 – REVISED DECEMBER 2013 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. TYPICAL APPLICATION Figure 1. Dual Mode Operation to Deliver 6 A at Buck 1 and 3.5 A at Buck 2 Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TPS65276 |
Numéro de pièce similaire - TPS65276DAPT |
|
Description similaire - TPS65276DAPT |