Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65263 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65263
Description  TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65263 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65263_15 Datasheet HTML 6Page - Texas Instruments TPS65263_15 Datasheet HTML 7Page - Texas Instruments TPS65263_15 Datasheet HTML 8Page - Texas Instruments TPS65263_15 Datasheet HTML 9Page - Texas Instruments TPS65263_15 Datasheet HTML 10Page - Texas Instruments TPS65263_15 Datasheet HTML 11Page - Texas Instruments TPS65263_15 Datasheet HTML 12Page - Texas Instruments TPS65263_15 Datasheet HTML 13Page - Texas Instruments TPS65263_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
4.600
4.800
5.000
5.200
5.400
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C018
5.100
5.300
5.500
5.700
5.900
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C019
1.120
1.160
1.200
1.240
1.280
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C016
1.070
1.110
1.150
1.190
1.230
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C017
3.000
3.200
3.400
3.600
3.800
4.000
4.200
4.400
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
6.000
6.200
6.400
6.600
6.800
7.000
7.200
7.400
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C015
TPS65263
SLVSCN0A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
TA = 25°C, VIN = 12 V, VOUT1= 1.5 V, VOUT2= 1.2 V, VOUT3= 2.5 V, FSW = 600 kHz (unless otherwise noted)
Figure 13. EN Pin Pullup Current vs Temperature, EN = 1 V
Figure 14. EN Pin Pullup Current vs Temperature, EN = 1.5 V
Figure 15. EN Pin Threshold Rising vs Temperature
Figure 16. EN Pin Threshold Falling vs Temperature
Figure 17. SS Pin Charge Current vs Temperature
Figure 18. Buck1 High-Side Current Limit vs Temperature
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS65263


Numéro de pièce similaire - TPS65263_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1QRHBRQ1 TI1-TPS65263-1QRHBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1QRHBTQ1 TI1-TPS65263-1QRHBTQ1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Description similaire - TPS65263_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com