Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65251RHAR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65251RHAR
Description  TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65251RHAR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS65251RHAR Datasheet HTML 1Page - Texas Instruments TPS65251RHAR Datasheet HTML 2Page - Texas Instruments TPS65251RHAR Datasheet HTML 3Page - Texas Instruments TPS65251RHAR Datasheet HTML 4Page - Texas Instruments TPS65251RHAR Datasheet HTML 5Page - Texas Instruments TPS65251RHAR Datasheet HTML 6Page - Texas Instruments TPS65251RHAR Datasheet HTML 7Page - Texas Instruments TPS65251RHAR Datasheet HTML 8Page - Texas Instruments TPS65251RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS65251
SLVSAA4F – JUNE 2010 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Synchronous clock input. If there is a sync clock in the system, connect to the pin. When not used connect to
SYNC
5
I
GND.
Oscillator set. This resistor sets the frequency of internal autonomous clock. If external synchronization is used
ROSC
6
I
resistor should be fitted and set to about 70% of external clock frequency.
FB1
7
I
Feedback pin for Buck 1. Connect a divider set to 0.8 V from the output of the converter to ground.
Compensation pin for Buck 1. Fit a series RC circuit to this pin to complete the compensation circuit of this
COMP1
8
O
converter.
SS1
9
I
Soft-start pin for Buck 1. Fit a small ceramic capacitor to this pin to set the converter soft-start time.
Current limit setting pin for Buck 1. Fit a resistor from this pin to ground to set the peak current limit on the
RLIM1
10
I
output inductor.
Enable pin for Buck 1. A low level signal on this pin disables it. If pin is left open a weak internal pullup to V3V
EN1
11
I
will allow for automatic enable. For a delayed start-up add a small ceramic capacitor from this pin to ground.
BST1
12
I
Bootstrap capacitor for Buck 1. Fit a 47-nF ceramic capacitor from this pin to the switching node.
VIN1
13
I
Input supply for Buck 1. Fit a 10-µF ceramic capacitor close to this pin.
14
Switching node for Buck 1
LX1
O
15
16
Switching node for Buck 2
LX2
O
17
VIN2
18
I
Input supply for Buck 2. Fit a 10-µF ceramic capacitor close to this pin.
BST2
19
I
Bootstrap capacitor for Buck 2. Fit a 47-nF ceramic capacitor from this pin to the switching node.
Enable pin for Buck 2. A low level signal on this pin disables it. If pin is left open a weak internal pullup to V3V
EN2
20
I
will allow for automatic enable. For a delayed start-up add a small ceramic capacitor from this pin to ground.
Current limit setting for Buck 2. Fit a resistor from this pin to ground to set the peak current limit on the output
RLIM2
21
I
inductor.
SS2
22
I
Soft-start pin for Buck 2. Fit a small ceramic capacitor to this pin to set the converter soft-start time.
Compensation pin for Buck 2. Fit a series RC circuit to this pin to complete the compensation circuit of this
COMP2
23
O
converter
FB2
24
I
Feedback input for Buck 2. Connect a divider set to 0.8 V from the output of the converter to ground.
LOW_P
25
I
Low-power operation mode (active high) input for TPS65251
GND
26
Ground pin
Powergood. Open-drain output asserted after all converters are sequenced and within regulation. Polarity is
PGOOD
27
O
factory selectable (active high default).
V7V
28
O
Internal supply. Connect a 10-
μF ceramic capacitor from this pin to ground.
V3V
29
O
Internal supply. Connect a 3.3-
μF to 10-μF ceramic capacitor from this pin to ground.
AGND
30
Analog ground. Connect all GND pins and the power pad together.
GND
31
Ground pin
VIN
32
I
Input supply
VIN
33
I
Input supply
VIN
34
I
Input supply
GND
35
Ground pin
36
Switching node for Buck 3
LX3
O
37
VIN3
38
Input supply for Buck 3. Fit a 10-µF ceramic capacitor close to this pin.
BST3
39
I
Bootstrap capacitor for Buck 3. Fit a 47-nF ceramic capacitor from this pin to the switching node.
Enable pin for Buck 3. A low level signal on this pin disables it. If pin is left open a weak internal pullup to V3V
EN3
40
I
will allow for automatic enable. For a delayed start-up add a small ceramic capacitor from this pin to ground.
PAD
Power pad. Connect to ground.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS65251


Numéro de pièce similaire - TPS65251RHAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65251RHAR TI1-TPS65251RHAR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
More results

Description similaire - TPS65251RHAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com