Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

905-6525100 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce 905-6525100
Description  TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

905-6525100 Fiches technique(HTML) 3 Page - Texas Instruments

  905-6525100 Datasheet HTML 1Page - Texas Instruments 905-6525100 Datasheet HTML 2Page - Texas Instruments 905-6525100 Datasheet HTML 3Page - Texas Instruments 905-6525100 Datasheet HTML 4Page - Texas Instruments 905-6525100 Datasheet HTML 5Page - Texas Instruments 905-6525100 Datasheet HTML 6Page - Texas Instruments 905-6525100 Datasheet HTML 7Page - Texas Instruments 905-6525100 Datasheet HTML 8Page - Texas Instruments 905-6525100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
(power pad connected to ground)
VIN3
LX3
LX3
VIN
LX2
LX1
LX1
1
2
3
4
5
6
11
12
13
14
15
16
17
18
19
20
7
8
9
10
LX2
VIN2
29
28
27
26
25
24
23
22
21
30
40
39
38
37
36
35
34
33
32
31
GND
VIN
VIN
BST3
EN3
VIN1
BST1
EN2
BST2
EN1
GND
TPS65251
www.ti.com
SLVSAA4F – JUNE 2010 – REVISED JULY 2015
5 Description (continued)
TPS65251 features a supervisor circuit that monitors each converter output. The PGOOD pin is asserted once
sequencing is done, all PG signals are reported and a selectable end of reset time lapses. The polarity of the
PGOOD signal is active high.
TPS65251 also features a light load pulse skipping mode (PSM) by allowing the LOW_P pin tied to V3V. The
PSM mode allows for a reduction on the input power supplied to the system when the host processor is in
standby (low-activity) mode.
6 Pin Configuration and Functions
RHA Package
40-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Current limit setting for Buck 3. Fit a resistor from this pin to ground to set the peak current limit on the output
RLIM3
1
I
inductor.
SS3
2
I
Soft-start pin for Buck 3. Fit a small ceramic capacitor to this pin to set the converter soft-start time.
Compensation for Buck 3. Fit a series RC circuit to this pin to complete the compensation circuit of this
COMP3
3
O
converter.
FB3
4
I
Feedback input for Buck 3. Connect a divider set to 0.8V from the output of the converter to ground.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65251


Numéro de pièce similaire - 905-6525100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
905-5462001 TI-905-5462001 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
905-5462001 TI1-905-5462001 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results

Description similaire - 905-6525100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com