Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63060 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS63060
Description  TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS63060 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS63060_15 Datasheet HTML 7Page - Texas Instruments TPS63060_15 Datasheet HTML 8Page - Texas Instruments TPS63060_15 Datasheet HTML 9Page - Texas Instruments TPS63060_15 Datasheet HTML 10Page - Texas Instruments TPS63060_15 Datasheet HTML 11Page - Texas Instruments TPS63060_15 Datasheet HTML 12Page - Texas Instruments TPS63060_15 Datasheet HTML 13Page - Texas Instruments TPS63060_15 Datasheet HTML 14Page - Texas Instruments TPS63060_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1.5
1.8
2
2.2
2.5
2.8
3
3.2
2
3
4
5
6
7
8
9
10
11
12
Input Voltage (V)
Maximum Output Current Buck
I
= I
OUT
SW
V
OUT
Duty Cycle Buck
D =
V
IN
TPS63060, TPS63061
www.ti.com
SLVSA92B – DECEMBER 2011 – REVISED DECEMBER 2014
Device Functional Modes (continued)
(3)
where
η is the estimated converter efficiency (use the number from the efficiency curves or 0.80 as an assumption)
f is the converter switching frequency (typical 2.4 MHz)
L is the selected inductor value
(4)
If the die temperature increases above the recommended maximum temperature, the dynamic current limit
becomes active. The current limit is reduced with temperature increasing.
Figure 7. Average Inductance Current vs Input Voltage
8.4.6 Device Enable
The device operates when EN is set high. The device enters a shutdown sequence when EN is set to GND.
During the shutdown sequence, the regulator stops switching, all internal control circuitry is switched off, and the
load is disconnected from the input. It is possible for the output voltage to drop below the input voltage during
shutdown. During the start-up sequence, the device limits the duty cycle and the peak current in order to avoid
high peak currents flowing from the input.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS63060 TPS63061


Numéro de pièce similaire - TPS63060_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63060-EP TI1-TPS63060-EP Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSC TI1-TPS63060DSC Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSCR TI1-TPS63060DSCR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Description similaire - TPS63060_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS63070 TI1-TPS63070 Datasheet
2Mb / 39P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
logo
Maxim Integrated Produc...
MAX77827 MAXIM-MAX77827 Datasheet
998Kb / 23P
   5.5V Input, 1.8A/3.1A Switch Buck-Boost Converter with 6關A IQ
2021
logo
Texas Instruments
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
   5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com