Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62736 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS62736
Description  TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62736 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62736_15 Datasheet HTML 2Page - Texas Instruments TPS62736_15 Datasheet HTML 3Page - Texas Instruments TPS62736_15 Datasheet HTML 4Page - Texas Instruments TPS62736_15 Datasheet HTML 5Page - Texas Instruments TPS62736_15 Datasheet HTML 6Page - Texas Instruments TPS62736_15 Datasheet HTML 7Page - Texas Instruments TPS62736_15 Datasheet HTML 8Page - Texas Instruments TPS62736_15 Datasheet HTML 9Page - Texas Instruments TPS62736_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS62736, TPS62737
SLVSBO4C – OCTOBER 2012 – REVISED DECEMBER 2014
www.ti.com
8.5 Electrical Characteristics
Over recommended ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for conditions of VIN = 4.2 V, VOUT = 1.8 V External components, CIN = 4.7 µF for TPS62736 and 22 µF for TPS62737,
LBUCK = 10 µH, COUT = 22 µF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
TPS62736 Buck enabled state
380
550
(EN1 = 0, EN2 = 1)
TPS62736 Buck disabled VIN_OK active state
nA
340
520
(EN1 = 0, EN2 = 0)
TPS62736 Ship mode state (EN1 = 1, EN2 = x)
10
65
IQ
VIN = 2 V, No load on VOUT
TPS62737 Buck enabled state
375
600
(EN1 = 0, EN2 = 1)
TPS62737 Buck disabled VIN_OK active state
nA
345
560
(EN1 = 0, EN2 = 0)
TPS62737 Ship mode state (EN1 = 1, EN2 = x)
11
45
OUTPUT
VBIAS
Output regulation reference
1.205
1.21
1.217
V
IOUT = 10 mA;
TPS62736 Output regulation (Spec does not include
–2%
0%
2%
the resistor accuracy error)
1.3 V < VOUT < 3.3 V
IOUT = 100 mA;
TPS62737 Output regulation (Spec does not include
–2%
0%
2%
the resistor accuracy error)
1.3 V < VOUT < 3.3 V;
IOUT = 100 µA;
TPS62736 Output line regulation
0.01
VIN = 2.4 V to 5.5 V
%/V
IOUT = 10 mA;
TPS62737 Output line regulation
0.31
VIN = 2.3 V to 5.5 V
IOUT = 100 µA to 50 mA,
VOUT
TPS62736 Output load regulation
0.01
%/mA
VIN = 2.2 V
IOUT = 100 µA to 200 mA,
TPS62737 Output load regulation
0.01
%/mA
VIN = 2.2 V; –20°C < TA < 85°C
VIN = 4.2V, IOUT = 1 mA,
TPS62736 Output ripple
20
mVpp
COUT = 22 μF
VIN = 4.2 V, IOUT = 1 mA,
TPS62737 Output ripple
40
mVpp
COUT = 22 μF
Programmable voltage range for output voltage
IOUT = 10 mA
1.3
VIN – 0.2
V
threshold
VIN = 2.1 V, VOUT(SET) = 2.5 V,
TPS62736 Drop-out-voltage when VIN is less than
24
30
mV
VOUT(SET)
IOUT = 10 mA, 100% duty cycle
VDO
VIN = 2.1 V, VOUT(SET) = 2.5 V,
TPS62737 Drop-out-voltage when VIN is less than
180
220
mV
VOUT(SET)
IOUT = 100 mA, 100% duty cycle
TPS62736, COUT = 22 µF
400
μs
Startup time with EN1 low and EN2 transition to high
tSTART-STBY
(Standby Mode)
TPS62737, COUT = 22 µF
300
μs
tSTART-SHIP
Startup time with EN2 high and EN1 transition from
COUT = 22 µF
100
ms
high to low (Ship Mode)
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS62736 TPS62737


Numéro de pièce similaire - TPS62736_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62736 TI1-TPS62736_14 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
More results

Description similaire - TPS62736_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62736 TI1-TPS62736_14 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010_2000 AD-AD8010_2000 Datasheet
188Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com