Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62150AQRGTRQ1 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62150AQRGTRQ1
Description  TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62150AQRGTRQ1 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS62150AQRGTRQ1 Datasheet HTML 1Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 2Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 3Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 4Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 5Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 6Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 7Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 8Page - Texas Instruments TPS62150AQRGTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS62150A-Q1, TPS62153A-Q1
SLVSCC3 – MAY 2014
www.ti.com
Table of Contents
10.2
Functional Block Diagram ....................................... 9
1
Features .................................................................. 1
10.3
Feature Description............................................... 10
2
Applications ........................................................... 1
10.4
Device Functional Modes...................................... 13
3
Description ............................................................. 1
11
Application and Implementation........................ 14
4
Simplified Schematic............................................. 1
11.1
Application Information.......................................... 14
5
Revision History..................................................... 2
11.2
Typical Application ............................................... 14
6
Device Comparison Table..................................... 3
12
Power Supply Recommendations ..................... 25
7
Pin Configuration and Functions ......................... 3
13
Layout................................................................... 26
8
Specifications......................................................... 4
13.1
Layout Guidelines ................................................. 26
8.1
Absolute Maximum Ratings ...................................... 4
13.2
Layout Example .................................................... 26
8.2
Handling Ratings ...................................................... 4
14
Device and Documentation Support ................. 27
8.3
Recommended Operating Conditions ....................... 4
14.1
Device Support .................................................... 27
8.4
Thermal Information .................................................. 4
14.2
Related Links ........................................................ 27
8.5
Electrical Characteristics........................................... 5
14.3
Trademarks ........................................................... 27
8.6
Typical Characteristics .............................................. 6
14.4
Electrostatic Discharge Caution ............................ 27
9
Parameter Measurement Information .................. 8
14.5
Glossary ................................................................ 27
10
Detailed Description ............................................. 9
15
Mechanical, Packaging, and Orderable
10.1
Overview ................................................................. 9
Information ........................................................... 27
5 Revision History
DATE
REVISION
NOTES
May 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62150A-Q1 TPS62153A-Q1


Numéro de pièce similaire - TPS62150AQRGTRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62150AQRGTRQ1 TI1-TPS62150AQRGTRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Description similaire - TPS62150AQRGTRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com