Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62110 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS62110
Description  TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62110 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62110_15 Datasheet HTML 2Page - Texas Instruments TPS62110_15 Datasheet HTML 3Page - Texas Instruments TPS62110_15 Datasheet HTML 4Page - Texas Instruments TPS62110_15 Datasheet HTML 5Page - Texas Instruments TPS62110_15 Datasheet HTML 6Page - Texas Instruments TPS62110_15 Datasheet HTML 7Page - Texas Instruments TPS62110_15 Datasheet HTML 8Page - Texas Instruments TPS62110_15 Datasheet HTML 9Page - Texas Instruments TPS62110_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS62110, TPS62111, TPS62112, TPS62113
SLVS585E – JULY 2005 – REVISED JUNE 2015
www.ti.com
8.5 Electrical Characteristics
VI = 12 V, VO = 3.3 V, IO = 600 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage
3.1
17
V
IO = 0 mA, SYNC = GND, VI = 7.2 V,
20
TA = 25°C
(1)
I(Q)
Operating quiescent current
µA
IO = 0 mA, SYNC = GND, VI = 17 V
(1)
23
26
Quiescent current with enhanced LBI
IQ(LBI)
EN = VI , LBI = GND
10
µA
comparator version (TPS62113 only).
EN = GND
1.5
5
I(SD)
Shutdown current
µA
EN = GND, TA = 25°C, VI = 7.2 V
1.5
3
ENABLE
VIH
EN high-level input voltage
1.3
V
VIL
EN low-level input voltage
0.3
V
EN trip-point hysteresis
170
mV
Ilkg
EN input leakage current
EN = GND or VI, VI = 12 V
0.01
0.2
µA
I(EN)
EN input current
0.6 V
≤ V(EN) ≤ 4 V
10
20
µA
V(UVLO)
Undervoltage lockout threshold
Input voltage falling
2.8
3
3.1
V
Undervoltage lockout hysteresis
250
300
mV
POWER SWITCH
VI ≥ 5.4 V; IO = 350 mA
165
250
RDS(ON)
P-channel MOSFET ON-resistance
VI = 3.5 V; IO = 200 mA
340
m
VI = 3 V; IO = 100 mA
490
Ilkg
P-channel MOSFET leakage current
VDS = 17 V
0.1
1
µA
ILIMF
P-channel MOSFET current limit
VI = 7.2 V, VO = 3.3 V
2100
2400
2600
mA
VI ≥ 5.4 V; IO = 350 mA
145
200
RDS(ON)
N-channel MOSFET ON-resistance
VI = 3.5 V; IO = 200 mA
170
m
VI = 3 V; IO = 100 mA
200
Ilkg
N-channel MOSFET leakage current
VDS = 17 V
0.1
2
µA
PG OUTPUT, LBI, LBO
V(PG)
Power good trip voltage
VO – 1.6%
V
VO ramping positive
50
Power good delay time
µs
VO ramping negative
200
VOL
PG, LBO output-low voltage
V(FB) = 0.8 × VO nominal, IOL = 1 mA
0.3
V
IOL
PG, LBO sink current
1
mA
Ilkg
PG, LBO output leakage current
V(FB) = VO nominal, V(LBI) = VI
0.01
0.25
µA
Minimum supply voltage for valid power
3
V
good, LBI, LBO signal
VLBI
LBI input trip voltage
Input voltage falling
1.256
V
Ilkg
LBI input leakage current
10
100
nA
LBI input trip-point
1.5%
accuracy
VLBI,HYS Low-battery input hysteresis
25
mV
(1)
Device is not switching.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS62110 TPS62111 TPS62112 TPS62113


Numéro de pièce similaire - TPS62110_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62110_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com