Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62103DG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS62103DG4
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62103DG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62103DG4 Datasheet HTML 2Page - Texas Instruments TPS62103DG4 Datasheet HTML 3Page - Texas Instruments TPS62103DG4 Datasheet HTML 4Page - Texas Instruments TPS62103DG4 Datasheet HTML 5Page - Texas Instruments TPS62103DG4 Datasheet HTML 6Page - Texas Instruments TPS62103DG4 Datasheet HTML 7Page - Texas Instruments TPS62103DG4 Datasheet HTML 8Page - Texas Instruments TPS62103DG4 Datasheet HTML 9Page - Texas Instruments TPS62103DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
general information
The TPS6210x family of devices are low-power, synchronous buck controllers with integrated FETS. The thrust
of these devices is to facilitate the construction of low-cost, small, high-frequency and fast-response dc-to-dc
converters that operate from either one or two li-ion cells. Synchronous rectification allows for higher operating
efficiency than relying on a Schottky diode alone. Shifting from a fixed-frequency PWM mode of operation to
a fixed-current variable frequency mode during light loads preserves efficiency and increases battery life in this
situation.
modes of operation
The TPS6210x family has four distinct modes of operation: automatic-constant frequency (or high-power
mode), automatic-variable frequency (or low-power mode), forced-constant frequency, and forced-variable
frequency. The mode that the chip is in is controlled by the MODE pin. Allowing this pin to float lets the chip
automatically transition between the high-power mode and the low-power mode. The chip selects which mode
to operate in depending upon load current and voltage. If the mode pin is forced high, the chip operates in the
forced-constant frequency PWM mode. If the pin is driven low, the chip operates in the forced variable frequency
mode. Detailed descriptions of the modes follow.
forced constant frequency (MODE = high)
In this mode, the chip behaves like a standard buck regulator with a synchronous rectifier added. The
synchronous rectifier turns on shortly after the buck switch turns off, and the buck switch turns on shortly after
the synchronous rectifier turns off. During the small time interval when neither the buck switch nor the
synchronous rectifier is turned on, an optional small external schottky diode carries the inductor freewheel
current.
In this mode, the error amplifier is used in a normal feedback arrangement, forcing the divided output voltage
to be equal to the 0.8-V reference. Also, note that the overall converter should be designed so that it always
operates in the continuous conduction region, (i.e. the inductor current should never be allowed to decay to
zero). If the inductor current decays to zero, the control loop characteristics change dramatically. Consequently,
the loop must be designed for the worst case load condition and is not optimal in the general sense for a
continuous mode converter.


Numéro de pièce similaire - TPS62103DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62103D TI-TPS62103D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Description similaire - TPS62103DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com