Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62102DG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS62102DG4
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62102DG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS62102DG4 Datasheet HTML 1Page - Texas Instruments TPS62102DG4 Datasheet HTML 2Page - Texas Instruments TPS62102DG4 Datasheet HTML 3Page - Texas Instruments TPS62102DG4 Datasheet HTML 4Page - Texas Instruments TPS62102DG4 Datasheet HTML 5Page - Texas Instruments TPS62102DG4 Datasheet HTML 6Page - Texas Instruments TPS62102DG4 Datasheet HTML 7Page - Texas Instruments TPS62102DG4 Datasheet HTML 8Page - Texas Instruments TPS62102DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = –40 C to
85 C, TA = TJ, typical values are at TA = 25 C, VIN = 7.2 V, MODE = 1 (constant frequency),
SD/SYNC = 0 V. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Section
VIN operating range
2.5
7.2
9
V
VIN = 3.6 V,
not switching
625
900
µA
VIN supply current
(constant frequency mode)
VIN = 7.2 V,
not switching
650
915
µA
(constant frequency mode)
VIN = 9.0 V,
not switching
700
925
µA
VIN supply current
VIN = 3.6 V,
not switching
220
295
µA
VIN su
ly current
(burst mode)
VIN = 7.2 V,
not switching
250
370
µA
VIN supply current
VIN = 3.6 V
230
340
µA
VIN su
ly current
(sleep mode)
VIN = 7.2 V
190
275
µA
VIN = 7.2 V,
SD/SYNC = VIN
1
15
µA
VIN shutdown current
VIN = 7.2 V,
SD/SYNC = 4 V
2
25
µA
VIN shutdown current
VIN = 3.6 V,
SD/SYNC = 3.6 V
1
15
µA
Error Amplifier Section
FB input voltage
COMP = 0.5 V,
TA = 25°C
790
800
810
mV
FB voltage line requlation
TA = 25°C,
VIN = 2.8 V to 9 V
0.1
%/V
FB voltage line requlation
TA = 25°C,
VIN = 2.8 V to 2.5 V
0.5
%
FB input voltage
COMP = 0.5 V,
TA = 0°C to 70°C
784
800
816
mV
FB input voltage
COMP = 0.5 V,
TA = –40°C to 85°C
777
800
823
mV
FB input bias current
COMP = 0.5 V
100
500
nA
Open loop gain
COMP = 0.2 V to 0.5 V
50
80
130
dB
Unity gain BW
See Note 1
5
MHz
Maximum sinking current
250
500
µA
Maximum sourcing current
–500
–250
µA
COMP output high voltage
ICOMP = –10 µA
1.60
2.00
2.75
V
COMP output low voltage
ICOMP = 10 µA
250
500
mV
Soft-start time
1
5
9
ms
Light Load Detectors Section
FB VOFF threshold
778
808
838
mV
FB VON threshold
741
778
815
mV
FB VMODE threshold
725
762
799
mV
NOTE 1: Ensured by design. Not production tested.


Numéro de pièce similaire - TPS62102DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62102D TI-TPS62102D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Description similaire - TPS62102DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com