Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VPP12-800 Fiches technique(PDF) 1 Page - TRIAD MAGNETICS

No de pièce VPP12-800
Description  Hipot: 4000VAC between primary to secondary and windings to core.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIAD [TRIAD MAGNETICS]
Site Internet  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

VPP12-800 Fiches technique(HTML) 1 Page - TRIAD MAGNETICS

  VPP12-800_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
P C
M O U N T : W O R L D S E R I E S
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
VPP12–800
Electrical Specifications (@25C)
1. Maximum Power: 10.0VA
2. Input: Series: 230VAC, 50/60Hz; Parallel: 115VAC, 50/60Hz
3. Output: Series
1: 12.6V CT@ 0.8A; Parallel2: 6.3V @ 1.6A
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 30C TYP (45C MAX allowed)
6. Insulation Resistance: 100MΩ
7. Hipot: 4000VAC between primary to secondary and windings to core.
Construction:
Dual bobbin construction with an insulated shroud, both made of a high temperature material that exceeds
UL flammability requirements.
Safety:
Since the dual bobbin construction effectively reduces capacitance, electrostatic shielding is not required.
World Series Transformers are designed and manufactured to meet the following agency approvals:
Agency File:
UL: File E53148, UL 5085-1 and 2 (formerly UL 506), General Purpose.
UL: File E65390, UL 5085-1 and 3 (formerly UL1585), Class 2/3.
CSA: File LR 221330. C22.2 NO. 66, General Purpose.
TUV: File R72103639, EN 60950, (IEC950) information Technology Equipment.
A. Dimensions:
Units: In inches
A
B
C
D
E
F
G
H
1.25
1.375
0.187
0.200
0.400
1.562
1.875
1.140
B. PIN DIM. : 0.036 SQ
C. WT Lbs. : 0.53
D. Mounting Holes: 0.112 dia. x 2.0
Connections
3:
Input:
Series – Pin 1 to Pin 6, Jumper Pin 4 to Pin 3
Parallel – Pin 1 to Pin 6, Jumper Pin 1 to Pin 4 and Pin 3 to Pin 6
Output: Series – Pin 7 to Pin 12, Jumper Pin 9 to Pin 10
Parallel – Pin 7 to Pin 12, Jumper Pin 7 to Pin 10 and Pin 9 to Pin 12
RoHS Compliance:
As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for
the most current version.
1 Inherently limited. No fusing required. Class 2 not wet, Class 3 wet.
2 Inherently limited. No fusing required. Class 2.
3 Primary and secondary windings are designed to be connected in series or parallel. Winding are not
intended to be used independently.
D
D
E
C
G
F
A
B
1
3
4
6
12
10
9
7
R
R
H
c
US
6
4
3
1
12
10
9
7
SCHEMATIC


Numéro de pièce similaire - VPP12-800_13

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
VPP12-800 TRIAD-VPP12-800 Datasheet
45Kb / 1P
   VPP12-800
More results

Description similaire - VPP12-800_13

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
VPP12-1600 TRIAD-VPP12-1600_13 Datasheet
97Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP16-620 TRIAD-VPP16-620_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP28-180 TRIAD-VPP28-180_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP28-360 TRIAD-VPP28-360_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP28-2000 TRIAD-VPP28-2000_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP12-4400 TRIAD-VPP12-4400_13 Datasheet
92Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP10-250 TRIAD-VPP10-250_13 Datasheet
96Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core
VPP10-500 TRIAD-VPP10-500 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core
VPP10-5600 TRIAD-VPP10-5600_13 Datasheet
92Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP16-150 TRIAD-VPP16-150_13 Datasheet
96Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP16-310 TRIAD-VPP16-310_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com