Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC450210PCH Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LC450210PCH
Description  Duty Dot Matrix LCD Display Controllers
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450210PCH Fiches technique(HTML) 4 Page - ON Semiconductor

  LC450210PCH Datasheet HTML 1Page - ON Semiconductor LC450210PCH Datasheet HTML 2Page - ON Semiconductor LC450210PCH Datasheet HTML 3Page - ON Semiconductor LC450210PCH Datasheet HTML 4Page - ON Semiconductor LC450210PCH Datasheet HTML 5Page - ON Semiconductor LC450210PCH Datasheet HTML 6Page - ON Semiconductor LC450210PCH Datasheet HTML 7Page - ON Semiconductor LC450210PCH Datasheet HTML 8Page - ON Semiconductor LC450210PCH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
LC450210PCH
No.A2310-4/53
Electrical Characteristics in the Allowable Operating Ranges
Parameter
Symbol
PAD
Conditions
Ratings
Unit
Min.
Typ.
Max.
Hysteresis
VH
CE, CL, DI,
____
RES, OSCI
VDD = 4.5V to 5.5V (REGE = VDD)
0.03VDD
V
VDD = 2.7V to 3.6V (REGE = VSS)
0.05VDD
Input High-level
current
IIH1
CE, CL, DI,
____
RES, OSCI
VI = 3.6V
5.0
A
VI = 5.5V,
Supply more than 2.7V to VDD before VI is input.
5.0
IIH2
REGE
VI = 5.5V
5.0
Input Low-level
current
IIL1
CE, CL, DI,
____
RES,
TSIN1 to TSIN4,
REGE, OSCI
VI = 0V
-5.0
A
Input current for
voltage booster
IBTI1
VBTI1
VDD = 5.5V, VBTI1 = 5.5V, REGE = VDD,
Quadruple voltage booster is used.
Contrast adjuster is used.
LCD drive bias voltage generator is used.
Common and segment outputs are open.
display on (normal display)
2,050
4,100
A
VDD = 5.5V, VBTI1 = 5.5V, REGE = VDD,
Quintuple voltage booster is used.
Contrast adjuster is used.
LCD drive bias voltage generator is used.
Common and segment outputs are open.
display on (normal display)
2,550
5,100
IBTI2
VBTI2
VDD = 3.6V, VBTI1 = VBTI2 = 3.6V,
REGE = VSS,
Quadruple voltage booster is used.
Contrast adjuster is used.
LCD drive bias voltage generator is used.
Common and segment outputs are open.
display on (normal display)
2,000
4,000
VDD = 3.3V, VBTI1 = VBTI2 = 3.3V,
REGE = VSS,
Quintuple voltage booster is used.
Contrast adjuster is used.
LCD drive bias voltage generator is used.
Common and segment outputs are open.
display on (normal display)
2,500
5,000
ON-resistance of
segment driver
output
RONS
S1 to S200
VLCD = 4.5V (with external supply),
VLCD0 = 4.5V (with external input),
VLCD1 to VLCD5 = 1/5 bias (with external input)
20
k
ON-resistance of
common driver
output
RONC
COM1 to COM16
VLCD = 4.5V (with external supply),
VLCD0 = 4.5V (with external input),
VLCD1 to VLCD5 = 1/5 bias (with external input)
20
k
Output voltage
VBTI2
VBTI2
VBTI1 = 4.5V to 5.5V (REGE = VDD)
Voltage booster is used.
Contrast adjuster is not used.
LCD drive bias voltage generator is not used.
No-load.
3.09
3.2
3.3
V
VLCD
VLCD
Quadruple voltage booster is used.
Contrast adjuster is not used.
LCD drive bias voltage generator is not used.
No-load.
(VBTI24)
- 0.4
VBTI24
(VBTI24)
+ 0.4
Quintuple voltage booster is used.
Contrast adjuster is not used.
LCD drive bias voltage generator is not used.
No-load.
(VBTI25)
- 0.4
VBTI25
16.5
Oscillator
frequency
fosc
Internal clock
generator
Internal oscillator operating mode
210
300
390
kHz
Continued on next page.


Numéro de pièce similaire - LC450210PCH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
LC450210PCH-T3 ONSEMI-LC450210PCH-T3 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
LC450210PCH ONSEMI-LC450210PCH_17 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
More results

Description similaire - LC450210PCH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
ENA0964 ONSEMI-ENA0964 Datasheet
452Kb / 43P
   Duty Dot Matrix LCD Display Controllers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
DM0811 SANYO-DM0811 Datasheet
155Kb / 8P
   LCD Dot Matrix Display Module
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH_17 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
LC75812PT ONSEMI-LC75812PT_17 Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
logo
Epson Company
SED1670 EPSON-SED1670 Datasheet
40Kb / 8P
   Dot Matrix High Duty LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com