Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSBLA640KECB-B0 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce CSBLA640KECB-B0
Description  miniature and lightweight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSBLA640KECB-B0 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSBLA640KECB-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSBLA640KECB-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSBLA640KECB-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSBLA640KECB-B0
Specifications
Shape
Lead
Frequency
640.0kHz
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.3%
Frequency Aging
±0.3%
Wash
Not avairable
Resonant Impedance
40Ω
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/19


Numéro de pièce similaire - CSBLA640KECB-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSBLA640KECB-B0 MURATA1-CSBLA640KECB-B0 Datasheet
295Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
CSBLA640KECB-B0 MURATA1-CSBLA640KECB-B0_V01 Datasheet
295Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
More results

Description similaire - CSBLA640KECB-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSBLA480KEC8-B0 MURATA-CSBLA480KEC8-B0 Datasheet
182Kb / 3P
   miniature and lightweight
CSBLA500KEC8-B0 MURATA-CSBLA500KEC8-B0 Datasheet
182Kb / 3P
   miniature and lightweight
CSBLA910KJ58-B0 MURATA-CSBLA910KJ58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M04J58-B0 MURATA-CSBLA1M04J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M22J58-B0 MURATA-CSBLA1M22J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA640KEC8-B0 MURATA-CSBLA640KEC8-B0 Datasheet
179Kb / 3P
   miniature and lightweight
CSBLA800KJ58-B0 MURATA-CSBLA800KJ58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA800KJ59-B0 MURATA-CSBLA800KJ59-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M00J58-B0 MURATA-CSBLA1M00J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA455KEC8-B0 MURATA-CSBLA455KEC8-B0 Datasheet
180Kb / 3P
   miniature and lightweight
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com