Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ36002 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LMZ36002
Description  SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LMZ36002_15 Datasheet HTML 3Page - Texas Instruments LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments LMZ36002_15 Datasheet HTML 10Page - Texas Instruments LMZ36002_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LMZ36002
www.ti.com
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz, CIN1 = 1 x 10-µF, 100-V
1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Shutdown Temperature
160
°C
TSHUTDOWN
Thermal shutdown
Hysteresis
10
°C
INPUT/OUTPUT CAPACITANCE
ceramic
10(4)
µF
CIN
External input capacitance
non-ceramic
100
µF
Ceramic
64(5)
Note(6)
µF
Non-ceramic
100
Note(6)
µF
COUT
External output capacitance
ceramic + non-ceramic
Note(6)
µF
Equivalent series resistance (ESR)
20
m
Ω
(4)
The specified minimum ceramic input capacitance represents the standard capacitance value. The actual effective capacitance after
considering the effects of DC bias and temperature variation should be
≥ 4.7 µF.
(5)
The amount of required output capacitance varies depending on the output voltage (see Output Capacitor Selection ). The minimum
required output capacitance must be comprised of ceramic capacitance. The amount of required ceramic capacitance represents the
standard capacitance value. Locate the capacitance close to the device. Adding additional ceramic or non-ceramic capacitance close to
the load improves the response of the regulator to load transients.
(6)
The maximum allowable output capacitance varies depending on the output voltage (see Output Capacitor Selection ).
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
RT and RTSEL pins open
410
500
590
kHz
ƒCLK
Synchronization frequency
200
1000
kHz
VCLK-H
CLK high level
2
5.5
V
CLK Control
VCLK-L
CLK low level
0.4
V
DCLK
CLK duty cycle
10%
50%
90%
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ36002


Numéro de pièce similaire - LMZ36002_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Description similaire - LMZ36002_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com