Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ31506H Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LMZ31506H
Description  6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506H Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LMZ31506H_15 Datasheet HTML 6Page - Texas Instruments LMZ31506H_15 Datasheet HTML 7Page - Texas Instruments LMZ31506H_15 Datasheet HTML 8Page - Texas Instruments LMZ31506H_15 Datasheet HTML 9Page - Texas Instruments LMZ31506H_15 Datasheet HTML 10Page - Texas Instruments LMZ31506H_15 Datasheet HTML 11Page - Texas Instruments LMZ31506H_15 Datasheet HTML 12Page - Texas Instruments LMZ31506H_15 Datasheet HTML 13Page - Texas Instruments LMZ31506H_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
20
30
40
50
60
70
80
90
1
2
3
4
5
6
Output Current (A)
Natural Convection
VOUT < 5 V
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
PVIN = 12 V
VIN = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 530 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
PVIN = 12 V
VIN = 5 V
20
30
40
50
60
70
80
90
1
2
3
4
5
6
Output Current (A)
100 LFM
Natural Convection
VOUT = 5 V
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 530 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
PVIN = 12 V
VIN = 5 V
0
20
40
60
80
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 530 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
PVIN = 12 V
VIN = 5 V
LMZ31506H
SNVS996 – JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = 12 V, VIN = 5 V) (1) (2)
Figure 11. Efficiency vs. Output Current
Figure 12. Voltage Ripple vs. Output Current
Figure 13. Power Dissipation vs. Output Current
Figure 14. Safe Operating Area
Figure 15. Safe Operating Area
Figure 16. VOUT=1.2 V, IOUT=3 A, COUT1=47 µF ceramic,
COUT2= 330 µF POSCAP, fSW=480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 11, Figure 12, and Figure 13.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 14 and Figure 15.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506H


Numéro de pièce similaire - LMZ31506H_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Description similaire - LMZ31506H_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com