Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4850EY Fiches technique(PDF) 4 Page - Vishay Telefunken

No de pièce SI4850EY
Description  N-Channel Reduced Fast Switching MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4850EY Fiches technique(HTML) 4 Page - Vishay Telefunken

  SI4850EY Datasheet HTML 1Page - Vishay Telefunken SI4850EY Datasheet HTML 2Page - Vishay Telefunken SI4850EY Datasheet HTML 3Page - Vishay Telefunken SI4850EY Datasheet HTML 4Page - Vishay Telefunken SI4850EY Datasheet HTML 5Page - Vishay Telefunken SI4850EY Datasheet HTML 6Page - Vishay Telefunken SI4850EY Datasheet HTML 7Page - Vishay Telefunken SI4850EY Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 71146
S09-1341-Rev. F, 13-Jul-09
Vishay Siliconix
Si4850EY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71146.
Threshold Voltage
- 1.2
- 0.8
- 0.4
0.0
0.4
0.8
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0.01
0
1
50
20
30
10
1000
0.1
Time (s)
10
40
100
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10 -2
110
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Numéro de pièce similaire - SI4850EY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI4850EY VISHAY-SI4850EY Datasheet
248Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. F, 13-Jul-09
logo
SHENZHEN DOINGTER SEMIC...
SI4850EY DOINGTER-SI4850EY Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4850EY VISHAY-SI4850EY Datasheet
182Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
SI4850EY-T1-E3 VISHAY-SI4850EY-T1-E3 Datasheet
248Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. F, 13-Jul-09
More results

Description similaire - SI4850EY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7860ADP VISHAY-SI7860ADP Datasheet
42Kb / 5P
   N-Channel Reduced, Fast Switching MOSFET
Rev. A, 29-Dec-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com