Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4559ADY Fiches technique(PDF) 9 Page - Vishay Telefunken

No de pièce SI4559ADY
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4559ADY Fiches technique(HTML) 9 Page - Vishay Telefunken

Back Button SI4559ADY Datasheet HTML 5Page - Vishay Telefunken SI4559ADY Datasheet HTML 6Page - Vishay Telefunken SI4559ADY Datasheet HTML 7Page - Vishay Telefunken SI4559ADY Datasheet HTML 8Page - Vishay Telefunken SI4559ADY Datasheet HTML 9Page - Vishay Telefunken SI4559ADY Datasheet HTML 10Page - Vishay Telefunken SI4559ADY Datasheet HTML 11Page - Vishay Telefunken SI4559ADY Datasheet HTML 12Page - Vishay Telefunken SI4559ADY Datasheet HTML 13Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
9
Vishay Siliconix
Si4559ADY
P-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
20
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
- 0.4
- 0.2
0.0
0.2
0.4
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
2468
10
ID = 3.1 A
VGS - Gate-to-Source Voltage (V)
0
30
10
20
Time (s)
40
1
600
10
10-1
10-3
50
100
10-2
Safe Operating Area, Junction-to-Case
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
P(t) = 10
DC
ID(on)
Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
IDM Limited
Limited
by RDS(on)*
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
>


Numéro de pièce similaire - SI4559ADY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
137Kb / 12P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. A, 02-Jan-06
SI4559ADY VISHAY-SI4559ADY Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
SHENZHEN DOINGTER SEMIC...
SI4559ADY DOINGTER-SI4559ADY Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET useadvanced trench Technology
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
Si4559ADY-T1-E3 VISHAY-Si4559ADY-T1-E3 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
More results

Description similaire - SI4559ADY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com