Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61025 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61025
Description  TPS6102x 96% Efficient Synchronous Boost Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61025 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61025 Datasheet HTML 3Page - Texas Instruments TPS61025 Datasheet HTML 4Page - Texas Instruments TPS61025 Datasheet HTML 5Page - Texas Instruments TPS61025 Datasheet HTML 6Page - Texas Instruments TPS61025 Datasheet HTML 7Page - Texas Instruments TPS61025 Datasheet HTML 8Page - Texas Instruments TPS61025 Datasheet HTML 9Page - Texas Instruments TPS61025 Datasheet HTML 10Page - Texas Instruments TPS61025 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0
0.2
0.4
0.6
0.8
1.2
1.6
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
TA = 85°C
TA = 25°C
1
1.4
TA = -40°C
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
-0.2
4.8
9.8
14.8
19.8
24.8
29.8
34.8
TA = 85°C
TA = -40°C
TA = 25°C
IO - Output Current - mA
VBAT = 3.6 V
4.80
4.85
4.90
4.95
5
5.05
5.10
1
10
100
1000
VO = 5 V
3.20
3.25
3.30
3.35
1
10
100
1000
IO - Output Current - mA
VBAT = 2.4 V
VO = 3.3 V
50
55
60
65
70
75
80
85
90
95
100
0.9 1.4 1.9 2.4 2.9 3.4 3.9 4.4 4.9 5.4 5.9
VI - Input Voltage - V
IO = 100 mA
VO = 5 V
IO = 250 mA
IO = 10 mA
6.4
50
55
60
65
70
75
80
85
90
95
100
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4 4.9
VI - Input Voltage - V
IO = 100 mA
VO = 3.3 V
IO = 10 mA
IO = 250 mA
TPS61020, TPS61024, TPS61025, TPS61026, TPS61027, TPS61028, TPS61029
www.ti.com
SLVS451G – SEPTEMBER 2003 – REVISED DECEMBER 2014
Figure 5. TPS61025 Efficiency vs Input Voltage
Figure 6. TPS61027 Efficiency vs Input Voltage
Figure 7. TPS61025 Output Voltage vs Output Current
Figure 8. TPS61027 Output Voltage vs Output Current
Figure 10. No Load Supply Current Into VOUT vs Input
Figure 9. No Load Supply Current Into VBAT vs Input
Voltage
Voltage
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61020 TPS61024 TPS61025 TPS61026 TPS61027 TPS61028 TPS61029


Numéro de pièce similaire - TPS61025

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61025 TI-TPS61025 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61025 TI-TPS61025 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61025DRC TI-TPS61025DRC Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61025DRC TI-TPS61025DRC Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
More results

Description similaire - TPS61025

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com