Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60110 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60110
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60110 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS60110 Datasheet HTML 2Page - Texas Instruments TPS60110 Datasheet HTML 3Page - Texas Instruments TPS60110 Datasheet HTML 4Page - Texas Instruments TPS60110 Datasheet HTML 5Page - Texas Instruments TPS60110 Datasheet HTML 6Page - Texas Instruments TPS60110 Datasheet HTML 7Page - Texas Instruments TPS60110 Datasheet HTML 8Page - Texas Instruments TPS60110 Datasheet HTML 9Page - Texas Instruments TPS60110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CIN = C1F = C2F = C(OUT1) = C(OUT2) = 1 µF, TC = –40°C to 85°C,
VIN = 1 V, V(SNOOZE) = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Supply voltage range
0.9
1.8
V
I
VIN ≥ 1.1 V, IO(OUT2) = 0 mA,
I(PG,1) = 0 mA
40
IO(OUT1)
Maximum output current for TPS60310,
VIN = 0.9 V, IO(OUT2) = 0 mA,
I(PG,1) = 0 mA
20
mA
IO(OUT2)
Maximum out ut current for TPS60310,
TPS60312
VIN ≥ 1.1 V, IO(OUT1) = 0 mA,
I(PG,1) = 0 mA
20
mA
IO(OUT2)
VIN = 0.9 V, IO(OUT1) = 0 mA,
I(PG,1) = 0 mA
10
I
VIN ≥ 1.1 V, IO(OUT2) = 0 mA,
I(PG,1) = 0 mA
40
IO(OUT1)
Maximum output current for TPS60311,
TPS60313
VIN = 0.9 V, IO(OUT2) = 0 mA,
I(PG,1) = 0 mA
20
mA
I
TPS60313
VIN ≥ 1 V, IO(OUT1) = 0 mA,
I(PG,1) = 0 mA
20
mA
IO(OUT2)
VIN = 0.9 V, IO(OUT1) = 0 mA,
I(PG,1) = 0 mA
12
1.1 V < VIN < 1.8 V,
IO(OUT1) = 0 mA
0 < IO(OUT2) < 20 mA
3.17
3.3
3.43
V
VO(OUT2)
Output voltage for TPS60310, TPS60312
0.9 V < VIN < 1.1 V,
IO(OUT1) = 0 mA, IO(OUT2) < 10 mA
3.17
3.3
3.43
V
0.9 V < VIN < 1.8 V, V(SNOOZE) = 0 V,
0 < IO(OUT2) < 1 mA or
0 < IO(OUT1) < 2 mA
2.85
3.3
3.6
V
1 V < VIN < 1.8 V,
IO(OUT1) = 0 mA,
0 < IO(OUT2) < 20 mA
2.88
3
3.12
V
VO(OUT2)
Output voltage for TPS60311, TPS60313
VIN > 1.65 V, IO(OUT1) = 0 mA,
25
µA < IO(OUT2) < 20 mA
2.88
3
3.15
V
0.9 V < VIN < 1.8 V, V(SNOOZE) = 0 V,
0 < IO(OUT2) < 1 mA or
0 < IO(OUT1) < 2 mA
2.6
3.3
3.27
V
V
Output voltage ripple
OUT2
IO(OUT2) = 20 mA, IO(OUT1) = 0 mA
30
mV
VP–P
Output voltage ripple
OUT1
IO(OUT1) = 40 mA, IO(OUT2) = 0 mA
60
mVP–P
IQ
Quiescent current (no-load input current)
IO = 0 mA,
VIN = 1.8 V
35
70
µA
I
Quiescent supply current in snooze mode
VIN = 1.65 V,
V(SNOOZE) = 0 V,
TC = 60°C
2
10
A
I(SQ)
Quiescent supply current in snooze mode
VIN = 1.65 V,
V(SNOOZE) = 0 V,
TC ≤ 25°C
1.5
4
µA
fOSC
Internal switching frequency
470
700
900
kHz
VIL(EN)
EN input low voltage
VIN = 0.9 V to 1.8 V
0.3
×VIN
V
VIH(EN)
EN input high voltage
VIN = 0.9 V to 1.8 V
0.7
×VIN
V
Ilkg
EN input leakage current
V(EN) = 0 V or VIN or VO(OUT2) or
VO(OUT1)
0.01
0.1
µA
LinSkip switching threshold
VIN = 1.25 V
7.5
mA
Snooze mode threshold
VIN = 1 25 V
IO(OUT1)
2
8
mA
Snooze mode threshold
VIN = 1.25 V
IO(OUT2)
1
4
mA


Numéro de pièce similaire - TPS60110

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110 Datasheet
986Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Description similaire - TPS60110

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com