Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60502 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60502
Description  TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60502 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS60502 Datasheet HTML 1Page - Texas Instruments TPS60502 Datasheet HTML 2Page - Texas Instruments TPS60502 Datasheet HTML 3Page - Texas Instruments TPS60502 Datasheet HTML 4Page - Texas Instruments TPS60502 Datasheet HTML 5Page - Texas Instruments TPS60502 Datasheet HTML 6Page - Texas Instruments TPS60502 Datasheet HTML 7Page - Texas Instruments TPS60502 Datasheet HTML 8Page - Texas Instruments TPS60502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS60500, TPS60501, TPS60502, TPS60503
www.ti.com
SLVS391C – OCTOBER 2001 – REVISED SEPTEMBER 2015
7.5 Electrical Characteristics
at CIN = 4.7 µF, C1F = C2F = 1 µF, COUT = 10 µF, TA = −40°C to 85°C, VIN = 5 V, V(EN) = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Supply voltage
1.8
6.5
V
VIN = 1.8 V to 2.7 V, VIN − VOUT > 1 V
50
VIN ≥ 2.7 V, VIN − VOUT > 1 V
150
IOUT
Maximum output current
VOUT = 1.5 V, VIN ≥ 3.1 V
250
mA
VIN ≥ 3.7 V, 1.8 V ≤ VOUT ≤ 2.5 V
250
VOUT > 2.5 V, VIN > VOUT + 1.2 V
250
TPS60500
0.8
3.3
VIN > 2.7 V; VIN − VOUT > 1 V
TPS60501
3.3
at IOUT ≤ 150 mA,
VOUT
Output voltage
V
VIN > 1.8 V; VIN − VOUT > 1 V
TPS60502
1.8
at IOUT ≤ 50 mA
TPS60503
1.5
V(FB)
Feedback voltage
TPS60500
0.8
V
TPS60501
IOUT = 0 mA to 150 mA, COUT = 47 µF
–4%
3%
IOUT = 0 mA to 150 mA, COUT = 47 µF
3%
TPS60500
Tolerance of output voltage
TPS60502
IOUT = 0 mA to 150 mA, COUT = 10 µF
4%
TPS60503
IOUT = 0 mA to 250 mA, COUT = 47 µF
4%
Vpp
Output voltage ripple at OUT
IOUT = 150 mA, VOUT = 1.5 V
30
mVPP
IQ
Quiescent current (no-load input current)
IOUT = 0 mA
40
75
µA
T(SD)
Thermal shutdown temperature
150
°C
IOUT(SD)
Shutdown supply current
V(EN) = VIN
0.05
0.5
µA
f(OSC)
Internal switching frequency
600
800
1200
kHz
0.3 ×
VIL
EN input low voltage
V
VIN
0.7 ×
VIH
EN input high voltage
V
VIN
Ilkg(SD)
EN input leakage current
V(EN) = 0 V or VIN
0.01
0.1
µA
Ilkg(FB)
FB input leakage current
TPS60500
0.1
µA
Maximum resistance of the
R(max)
TPS60500
R1 + R2 at FB pin
1
M
external voltage divider
Short circuit current (start-up current)
VIN = 6.5 V, VOUT = 0 V
100
300
mA
Output current limit
VOUT > 0.6 V
500
mA
No load start-up time
80
µs
FOR POWER GOOD COMPARATOR:
Vml
V(PG)
Power good trip voltage
See (1)
V
2%
td,r
VOUT ramping positive
100
200
µs
Power good delay time
td,f
VOUT ramping negative
50
100
µs
VOL
Power good output voltage low
VOUT = 0 V, I(PG) = 1 mA
0.3
V
Ilkg
Power good leakage current
VOUT = 3.3 V, V(PG) = 3.3 V
0.01
0.1
µA
(1)
Vml is the output voltage at the maximum load current. Vml is not a JEDEC symbol.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS60500 TPS60501 TPS60502 TPS60503


Numéro de pièce similaire - TPS60502

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60502 TI-TPS60502 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60502DGS TI-TPS60502DGS Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60502DGS TI1-TPS60502DGS Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60502DGSG4 TI1-TPS60502DGSG4 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60502DGSR TI1-TPS60502DGSR Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Description similaire - TPS60502

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60500 TI-TPS60500 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500DGSR TI1-TPS60500DGSR Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com