Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60243 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60243
Description  TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60243 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS60243 Datasheet HTML 1Page - Texas Instruments TPS60243 Datasheet HTML 2Page - Texas Instruments TPS60243 Datasheet HTML 3Page - Texas Instruments TPS60243 Datasheet HTML 4Page - Texas Instruments TPS60243 Datasheet HTML 5Page - Texas Instruments TPS60243 Datasheet HTML 6Page - Texas Instruments TPS60243 Datasheet HTML 7Page - Texas Instruments TPS60243 Datasheet HTML 8Page - Texas Instruments TPS60243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS60240, TPS60241, TPS60242, TPS60243
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
6
V
PD
Power dissipation
Internally limited
Voltage EN
–0.3
6
V
Voltage C2–, C1–
–0.3
VIN or 5.5
(2)
V
Voltage C2+, C1+
–0.3
VIN, VOUT, or 5.5
(2)
V
TJ
Junction temperature
125
°C
Short circuit output current
80
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Whichever is lowest.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TPS60240, TPS60242, TPS60243
1.8
5.5
VIN
Input voltage
V
TPS60241
2.7
5.5
IOUT
Output current
All devices
25
mA
CIN
Input capacitor
1
µF
C1, C2
Flying capacitors
1
µF
COUT
Output capacitor
1
µF
TA
Operating temperature
–40
85
°C
6.4 Thermal Information
TPS6024x
THERMAL METRIC(1)
DGK (VSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
174
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66
°C/W
RθJB
Junction-to-board thermal resistance
95
°C/W
ψJT
Junction-to-top characterization parameter
8.8
°C/W
ψJB
Junction-to-board characterization parameter
94
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Numéro de pièce similaire - TPS60243

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60243 TI-TPS60243 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60243 TI1-TPS60243 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60243DGK TI-TPS60243DGK Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60243DGK TI1-TPS60243DGK Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60243DGKR TI-TPS60243DGKR Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Description similaire - TPS60243

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com