Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60204DGSG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS60204DGSG4
Description  REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60204DGSG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS60204DGSG4 Datasheet HTML 2Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 3Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 4Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 5Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 6Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 7Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 8Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 9Page - Texas Instruments TPS60204DGSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS60204, TPS60205
REGULATED 3.3V, 100mA LOW RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS354A − FEBRUARY 2001 − REVISED SEPTEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
low-battery detector (TPS60204)
The low-battery comparator trips at 1.18 V
±4% when the voltage on pin LBI ramps down. The voltage V(TRIP)
at which the low-battery warning is issued can be adjusted with a resistive divider as shown in Figure 2. The
sum of resistors R1 and R2 is recommended to be in the 100-k
Ω to 1-MΩ range. When choosing R1 and R2,
be aware of the input leakage current into the LBI pin.
LBO is an open drain output. An external pullup resistor to OUT, or any other voltage rail in the appropriate range,
in the 100-k
Ω to 1-MΩ range is recommended. During start-up, the LBO output signal is invalid for the first
500
µs. LBO is high impedance when the device is disabled. If the low-battery comparator function is not used,
connect LBI to ground and leave LBO unconnected. The low-battery detector is disabled when the device is
switched off.
V
(
TRIP) +
1.18 V 1
) R1
R2
_
+
+
VREF
VBAT
IN
R1
LBI
R2
LBO
R3
VO
Figure 2. Programming of the Low-Battery Comparator Trip Voltage
A 100-nF ceramic capacitor should be connected in parallel to R2 if large line transients are expected. These
voltage drops can inadvertently trigger the low-battery comparator and produce a wrong low-battery warning
signal at the LBO pin.
Formulas to calculate the resistive divider for low-battery detection, with VLBI = 1.13 V to 1.23 V and the sum
of resistors R1 and R2 equal 1 M
Ω:
R2
+ 1MW
V
LBI
V
Bat
R1
+ 1MW * R2
(1)
(2)
Formulas to calculate the minimum and maximum battery voltage:
V
Bat(min) +
V
LBI(min)
R1
(min) )
R2
(max)
R2
(max)
V
Bat(max) +
V
LBI(max)
R1
(max) )
R2
(min)
R2
(min)
(3)
(4)


Numéro de pièce similaire - TPS60204DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60204DGS TI-TPS60204DGS Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results

Description similaire - TPS60204DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com