Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60151 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS60151
Description  TPS60151 5-V and 140-mA Charge Pump
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60151 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS60151_15 Datasheet HTML 1Page - Texas Instruments TPS60151_15 Datasheet HTML 2Page - Texas Instruments TPS60151_15 Datasheet HTML 3Page - Texas Instruments TPS60151_15 Datasheet HTML 4Page - Texas Instruments TPS60151_15 Datasheet HTML 5Page - Texas Instruments TPS60151_15 Datasheet HTML 6Page - Texas Instruments TPS60151_15 Datasheet HTML 7Page - Texas Instruments TPS60151_15 Datasheet HTML 8Page - Texas Instruments TPS60151_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS60151
www.ti.com
SLVSA02A – SEPTEMBER 2009 – REVISED OCTOBER 2015
7.5 Electrical Characteristics
VIN = 3.6 V, TA = –40°C to 85°C, typical values are at TA = 25°C, C1 = C3 = 2.2 μF, C2 = 1.0 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER STAGE
VIN
Input voltage range
2.7
5.5
V
VUVLO
Undervoltage lockout threshold
1.9
2.1
V
IQ
Operating quiescent current
IOUT = 140 mA, Enable = VIN
4.7
mA
IQskip
Skip mode operating quiescent
IOUT = 0 mA, Enable = VIN (no switching)
80
μA
current
IOUT = 0 mA, Enable = VIN (minimum switching)
90
μA
ISD
Shutdown current
2.7 V
≤ VIN ≤ 5.5 V, Enable = 0 V
4
10
μA
VOUT
Output voltage(1)
IOUT ≤ 50 mA, 2.7 V ≤ VIN < 5.5V
4.8
5.0
5.2
V
VOUT(skip)
Skip mode output voltage
IOUT = 0 mA, 2.7 V ≤ VIN ≤ 5.5 V
VOUT+0.1
V
FSW
Switching frequency
1.5
MHz
tSS
Soft-start time
From the rising edge of enable to 90% output
150
μs
OUTPUT CURRENT
IOUT_nom
Maximum output current
VOUT remains between 4.8 V and 5.2 V,
120
mA
3.1 V
≤ VIN ≤ 5.5 V
3.3 V < VIN < 5.5 V
140
IOUT_max
Current limit
VOUT = 4.5 V
500
mA
IOUT_short
Short circuit current(2)
VOUT = 0 V
80
mA
RIPPLE VOLTAGE
VR
Output ripple voltage
IOUT = 140 mA
30
mV
ENABLE CONTROL
VHI
Logic high input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.3
VIN
V
VLI
Logic low input voltage
–0.2
0.4
V
IHI
Logic high input current
1
μA
ILI
Logic low input current
1
μA
THERMAL SHUTDOWN
TSD
Shutdown temperature
160
°C
TRC
Shutdown recovery
140
°C
(1)
When in skip mode, output voltage can exceed VOUT spec because VOUT(skip)= VOUT +0.1.
(2)
TPS60151 has internal protection circuit to protect IC when VOUT shorted to GND.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS60151


Numéro de pièce similaire - TPS60151_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60151DRV TI-TPS60151DRV Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60151DRVR TI-TPS60151DRVR Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60151DRVT TI-TPS60151DRVT Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
More results

Description similaire - TPS60151_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
REG71055-Q1 TI1-REG71055-Q1 Datasheet
465Kb / 15P
[Old version datasheet]   30-mA 5.5-V BOOST CHARGE PUMP
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com